Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC34SH84 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC34SH84
Description  Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC34SH84 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button DAC34SH84 Datasheet HTML 5Page - Texas Instruments DAC34SH84 Datasheet HTML 6Page - Texas Instruments DAC34SH84 Datasheet HTML 7Page - Texas Instruments DAC34SH84 Datasheet HTML 8Page - Texas Instruments DAC34SH84 Datasheet HTML 9Page - Texas Instruments DAC34SH84 Datasheet HTML 10Page - Texas Instruments DAC34SH84 Datasheet HTML 11Page - Texas Instruments DAC34SH84 Datasheet HTML 12Page - Texas Instruments DAC34SH84 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
DAC34SH84
www.ti.com
SLAS808B – FEBRUARY 2012 – REVISED JULY 2012
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS (continued)
over recommended operating free-air temperature range, nominal supplies, IOUTFS = 20 mA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(AVDD)
Analog supply current(4)
115
mA
Mode 2
I(DIGVDD)
Digital supply current
770
mA
fDAC = 1.47456 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
40
mA
mixer on, QMC on, invsinc on,
I(CLKVDD)
Clock supply current
95
mA
PLL disabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
1562
mW
I(AVDD)
Analog supply current(4)
115
mA
Mode 3
I(DIGVDD)
Digital supply current
470
mA
fDAC = 737.28 MSPS, 2x interpolation,
I(DACVDD)
DAC supply current
21
mA
mixer on, QMC on, invsinc off,
I(CLKVDD)
Clock supply current
55
mA
PLL disabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
1093
mW
I(AVDD)
Analog supply current(4)
40
mA
Mode 4
I(DIGVDD)
Digital supply current
710
mA
fDAC = 1.47456 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
mixer on, QMC on, invsinc on,
50
mA
PLL enabled, IF = 7.3 MHz, channels A/B/C/D
I(CLKVDD)
Clock supply current
90
mA
output sleep
P
Power dissipation
1160
mW
I(AVDD)
Analog supply current(4)
28
mA
Mode 5
I(DIGVDD)
Digital supply current
17
mA
Power-down mode: no clock, DAC on sleep
I(DACVDD)
DAC supply current
mode (clock receiver sleep),
0
mA
channels A/B/C/D output sleep, static data
I(CLKVDD)
Clock supply current
20
mA
pattern
P
Power dissipation
142
mW
I(AVDD)
Analog supply current(5)
130
mA
Mode 6
I(DIGVDD)
Digital supply current
570
mA
fDAC = 1 GSPS, 2x interpolation,
I(DACVDD)
DAC supply current
25
mA
mixer off, QMC off, invsinc off,
I(CLKVDD)
Clock supply current
98
mA
PLL enabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
1336
mA
I(AVDD)
Analog supply current(4)
115
mA
Mode 7
I(DIGVDD)
Digital supply current
335
mA
fDAC = 1 GSPS, 2x interpolation,
I(DACVDD)
DAC supply current
23
mA
mixer off,QMC off, invsinc off,
I(CLKVDD)
Clock supply current
70
mA
PLL disabled, 20-mA FS output, IF = 7.3 MHz
P
Power dissipation
940
mW
I(AVDD)
Analog supply current
45
mA
Mode 8
I(DIGVDD)
Digital supply current
655
mA
fDAC = 1.47456 GSPS, 2× interpolation,
I(DACVDD)
DAC supply current
mixer on, QMC on, invsinc on,
30
mA
PLL disabled, IF = 7.3 MHz, channels A/B/C/D
I(CLKVDD)
Clock supply current
95
mA
output sleep
P
Power dissipation
1169
mW
(5)
Includes AVDD, PLLAVDD, and IOVDD
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC34SH84


Numéro de pièce similaire - DAC34SH84

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34SH84IZAY TI1-DAC34SH84IZAY Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84IZAYR TI1-DAC34SH84IZAYR Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
More results

Description similaire - DAC34SH84

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC34SH84 TI1-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC34SH84 TI-DAC34SH84_15 Datasheet
1Mb / 93P
[Old version datasheet]   DAC34SH84 Quad-Channel, 16-Bit, 1.5 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
JUNE2011
DAC34H84_1109 TI1-DAC34H84_1109 Datasheet
1Mb / 80P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_14 Datasheet
1Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484_14 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI1-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI-DAC3484_15 Datasheet
2Mb / 107P
[Old version datasheet]   DAC3484 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC34H84 TI-DAC34H84_15 Datasheet
1Mb / 96P
[Old version datasheet]   DAC34H84 Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com