Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8203 Fiches technique(PDF) 3 Page - Aavid, Thermal Division of Boyd Corporation

No de pièce AD8203
Description  G = 0.2, Level Translation, 16-Bit ADC Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AAVID [Aavid, Thermal Division of Boyd Corporation]
Site Internet  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8203 Fiches technique(HTML) 3 Page - Aavid, Thermal Division of Boyd Corporation

  AD8203 Datasheet HTML 1Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 2Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8275
Rev. A | Page 3 of 16
SPECIFICATIONS
VS = 5 V, G = 0.2, REF1 connected to GND and REF2 connected to 5 V, RL = 2 kΩ connected to VS/2, TA = 25°C, unless otherwise noted.
Specifications referred to output unless otherwise noted.
Table 2.
A Grade
B Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Small Signal Bandwidth
−3 dB
10
15
10
15
MHz
Slew Rate
4 V step
20
25
20
25
V/µs
Settling Time to 0.01%
4 V step on output, CL = 100 pF
350
350
450
ns
Settling Time to 0.001%
4 V step on output, CL = 100 pF
450
450
550
ns
Overload Recovery Time
50% overdrive
300
300
ns
NOISE/DISTORTION1
THD + N
f = 1 kHz, VOUT = 4 V p-p, 22 kHz band
pass filter
106
106
dB
Voltage Noise
f = 0.1 Hz to 10 Hz, referred to output
1
4
1
4
µV p-p
Spectral Noise Density
f = 1 kHz, referred to output
40
40
nV/√Hz
GAIN
VREF2 = 4.096 V, REF1 and RL connected
to GND, (VIN+) − (VIN−) = −10 V to +10 V
0.2
0.2
V/V
Gain Error
0.024
0.024
%
Gain Drift
−40°C to +85°C
1
3
0.3
1
ppm/°C
Gain Nonlinearity
VOUT = 4 V p-p, RL = 600 Ω, 2 kΩ, 10 kΩ
2.5
2.5
3
ppm
OFFSET AND CMRR
Offset2
Referred to output, VS = ±2.5 V,
reference and input pins grounded
300
700
150
500
µV
vs. Temperature
−40°C to +85°C
2.5
2.5
7
µV/°C
vs. Power Supply
VS = 3.3 V to 5 V
90
100
dB
Reference Divider Accuracy
0.024
0.024
%
Common-Mode Rejection
Ratio3
VCM = ±10 V, referred to output
80
96
86
dB
INPUT CHARACTERISTICS
Input Voltage Range4
−12.3
+12
−12.3
+12
V
Impedance5
Differential
VCM = VS/2
108||2
108||2
kΩ||pF
Common Mode
27.5||2
27.5||2
kΩ||pF
OUTPUT CHARACTERISTICS
Output Swing
VREF2 = 4.096 V, REF1 and RL connected
to GND, RL = 2 kΩ
−VS +
0.048
+VS
0.1
−VS +
0.048
+VS
0.1
V
Capacitive Load6
100
100
pF
Short-Circuit Current Limit
30
30
mA
POWER SUPPLY
Specified Voltage Range
5
5
V
Operating Voltage Range
3.3
15
3.3
15
V
Supply Current
IO = 0 mA, VS = ±2.5 V, reference and
input pins grounded
1.9
2.3
1.9
2.3
mA
Over Temperature
IO = 0 mA, VS = ±2.5 V, reference and
input pins grounded, −40°C to +85°C
2.1
2.7
2.1
2.7
mA
TEMPERATURE RANGE
Specified Performance
−40
+85
−40
+85
°C
1
Includes amplifier voltage and current noise, as well as noise of internal resistors.
2
Includes input bias and offset current errors.
3
See Figure 7 for CMRR vs. temperature.
4
The input voltage range is a function of the voltage supplies, reference voltage, and ESD diodes. When operating on other supply voltages, see the Absolute Maximum
Ratings section, Figure 11, and Table 5 for more information.
5
Internal resistors are trimmed to be ratio matched but have ±20% absolute accuracy.
6
See Figure 25 to Figure 28 in the Typical Performance Characteristics section for more information.


Numéro de pièce similaire - AD8203

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8203 AD-AD8203 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8203 AAVID-AD8203 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Description similaire - AD8203

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8275 AD-AD8275 Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275 AD-AD8275_16 Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Texas Instruments
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
246Kb / 14P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
   16-Bit, 160Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com