Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDCLVD1213 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce CDCLVD1213
Description  1:4 Low Additive Jitter LVDS Buffer With Divider
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1213 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button CDCLVD1213 Datasheet HTML 6Page - Texas Instruments CDCLVD1213 Datasheet HTML 7Page - Texas Instruments CDCLVD1213 Datasheet HTML 8Page - Texas Instruments CDCLVD1213 Datasheet HTML 9Page - Texas Instruments CDCLVD1213 Datasheet HTML 10Page - Texas Instruments CDCLVD1213 Datasheet HTML 11Page - Texas Instruments CDCLVD1213 Datasheet HTML 12Page - Texas Instruments CDCLVD1213 Datasheet HTML 13Page - Texas Instruments CDCLVD1213 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LVDS
Z = 50 W
CDCLVD1213
Z = 50 W
350 W
V
T
=
1.25V
100 nF
CDCLVD1213
Z = 50 W
CML
Z = 50 W
100 nF
350 W
150 W
V
T
=
1.25V
75 W
CDCLVD1213
Z = 50 W
LVPECL
100 nF
Z = 50 W
100 nF
75 W
150 W
350 W
CDCLVD1213
SCAS897 – JULY 2010
www.ti.com
INPUT TERMINATION
The CDCLVD1213 input has internal 140
Ω terminations, and an external 350 Ω resistor is required for a 50 Ω
transmission line. It can be interfaced with LVDS, LVPECL, or CML drivers. LVDS input can be connected
directly, dc or ac coupled. With ac coupling, external bias (VCC/2) must be provided to VT pin.
Figure 16 illustrates how to connect CML input to CDCLVD1213 input buffer. The input does not have internal
biasing, so external biasing (VCC/2 to VT) is required for ac coupling. If the CML output swing is >1.6 VPP, then
signal swing needs to be reduced to meet VIN, DIF, PP ≤ 1.6 VPP.
Figure 15. LVDS Clock Driver Connected to CDCLVD1213 Input
Figure 16. CML Clock Driver Connected to CDCLVD1213 Input
Figure 17 shows how to connect LVPECL input to the CDCLVD1213 input buffer. The input does not have
internal biasing, so external biasing (VCC/2 to VT) is required for ac coupling. The series resistors are required to
reduce the LVPECL signal swing if the signal swing is >1.6 Vpp.
Figure 17. LVPECL Clock Driver Connected to CDCLVD1213 Input
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): CDCLVD1213


Numéro de pièce similaire - CDCLVD1213

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAR TI1-CDCLVD1212RHAR Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAT TI1-CDCLVD1212RHAT Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
CDCLVD1216RGZR TI1-CDCLVD1216RGZR Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
More results

Description similaire - CDCLVD1213

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
[Old version datasheet]   Dual 1:4 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com