Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4010B-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4010B-Q1
Description  CMOS HEX BUFFER/CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD4010B-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  CD4010B-Q1 Datasheet HTML 1Page - Texas Instruments CD4010B-Q1 Datasheet HTML 2Page - Texas Instruments CD4010B-Q1 Datasheet HTML 3Page - Texas Instruments CD4010B-Q1 Datasheet HTML 4Page - Texas Instruments CD4010B-Q1 Datasheet HTML 5Page - Texas Instruments CD4010B-Q1 Datasheet HTML 6Page - Texas Instruments CD4010B-Q1 Datasheet HTML 7Page - Texas Instruments CD4010B-Q1 Datasheet HTML 8Page - Texas Instruments CD4010B-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CD4010B-Q1
www.ti.com
SCHS379A
– MARCH 2010 – REVISED JANUARY 2012
CMOS HEX BUFFER/CONVERTER
Check for Samples: CD4010B-Q1
1
FEATURES
D PACKAGE
Qualified for Automotive Applications
(TOP VIEW)
100% Tested for Quiescent Current at 20 V
Maximum Input Current of 1
µA at 18 V Over
Full Package-Temperature Range:
100 nA at 18 V and 25
°C
5-V, 10-V, and 15-V Parametric Ratings
Latch-Up Performance Meets 100 mA per
JESD 78, Class I
APPLICATIONS
CMOS to DTL/TTL Hex Converter
CMOS Current "Sink" or "Source" Driver
CMOS High-to-Low Logic-Level Converter
Multiplexer: 1-to-6 or 6-to-1
DESCRIPTION
CD4010B hex buffer/converter may be used as CMOS to TTL or DTL logic-level converters or CMOS
high-sink-current drivers.
The CD4050B is the preferred hex buffer replacement for the CD4010B in all applications except multiplexers.
For applications not requiring high sink current or voltage conversion, the CD4069UB hex inverter is
recommended.
The CD4010B is supplied in 16-lead hermetic dual-in-line ceramic (D) packages.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40°C to 125°C
SOIC
– D
Reel of 2500
CD4010BQDRQ1
CD4010BQ
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - CD4010B-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4010B-MIL TI1-CD4010B-MIL Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Buffers/Converters
More results

Description similaire - CD4010B-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
   CMOS Hex Buffer/Converter
November 1994
CD4049UBMS INTERSIL-CD4049UBMS_07 Datasheet
313Kb / 11P
   CMOS Hex Buffer/Converter
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com