Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11533NT Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 74ACT11533NT
Description  OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11533NT Fiches technique(HTML) 1 Page - Texas Instruments

  74ACT11533NT Datasheet HTML 1Page - Texas Instruments 74ACT11533NT Datasheet HTML 2Page - Texas Instruments 74ACT11533NT Datasheet HTML 3Page - Texas Instruments 74ACT11533NT Datasheet HTML 4Page - Texas Instruments 74ACT11533NT Datasheet HTML 5Page - Texas Instruments 74ACT11533NT Datasheet HTML 6Page - Texas Instruments 74ACT11533NT Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
54ACT11533, 74ACT11533
OCTAL DTYPE TRANSPARENT LATCHES
WITH 3STATE OUTPUTS
SCAS017A − D2957, JULY 1987 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1993, Texas Instruments Incorporated
2−1
Eight Latches in a Single Package
3-State Bus-Driving Inverting Outputs
Full Parallel Access for Loading
Buffered Control Inputs
Inputs Are TTL-Voltage Compatible
Flow-Through Architecture Optimizes
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic Small-
Outline Packages, Ceramic Chip Carriers,
and Standard Plastic and Ceramic 300-mil
DIPs
description
These eight latches feature 3-state outputs
designed specifically for driving highly capacitive
or relatively low-impedance loads.
They are
particularly suitable for implementing buffer
registers, I/O ports, bidirectional bus drivers, and
working registers.
The
eight
latches
of
the
′ACT11533 are
transparent D-type latches. While the enable (C)
is high, the Q outputs will follow the complements
of the (D) inputs. When the output control OC is
taken low, the Q outputs will be latched.
The
′ACT11533 is functionally equivalent to the
′ACT11373 except for having inverted outputs.
A buffered output-control (OC) input can be used
to place the eight outputs in either a normal
logic state (high or low logic levels) or a high-
impedance state. In the high-impedance state,
the outputs neither load nor drive the bus lines
significantly. The high-impedance third state and
increased drive provide the capability to drive the
bus lines in a bus-organized system without need
for interface or pullup components.
The output control (OC) does not affect the
internal operations of the latches. Old data can be
retained or new data can be entered while the
outputs are off.
The 54ACT11533 is characterized for operation over the full military temperature range of −55
°C to 125°C. The
74ACT11533 is characterized for operation from − 40
°C to 85°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1Q
2Q
3Q
4Q
GND
GND
GND
GND
5Q
6Q
7Q
8Q
OC
1D
2D
3D
4D
VCC
VCC
5D
6D
7D
8D
C
54ACT11533 . . . JT PACKAGE
74ACT11533 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1
13 14
5
6
7
8
9
10
11
7D
8D
C
NC
8Q
7Q
6Q
2D
1D
OC
NC
1Q
2Q
3Q
4
15 16 17 18
54ACT11533 . . . FK PACKAGE
(TOP VIEW)
28 27 26
25
24
23
22
21
20
19
12
NC − No internal connection
OUTPUT
Q
INPUTS
L
L
L
H
H
H
L
X
H
L
X
X
OC
CD
L
H
Q0
Z
FUNCTION TABLE
(each latch)
EPIC is a trademark of Texas Instruments Incorporated.


Numéro de pièce similaire - 74ACT11533NT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11534 TI1-74ACT11534 Datasheet
111Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11534DW TI1-74ACT11534DW Datasheet
111Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11534NT TI1-74ACT11534NT Datasheet
111Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT11533NT

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com