Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT11478DW Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce 74ACT11478DW
Description  METASTABLE-RESISTAND OCTAL D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11478DW Fiches technique(HTML) 4 Page - Texas Instruments

  74ACT11478DW Datasheet HTML 1Page - Texas Instruments 74ACT11478DW Datasheet HTML 2Page - Texas Instruments 74ACT11478DW Datasheet HTML 3Page - Texas Instruments 74ACT11478DW Datasheet HTML 4Page - Texas Instruments 74ACT11478DW Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
74ACT11478
METASTABLERESISTAND OCTAL DTYPE DUALRANK FLIPFLOP
WITH 3-STATE OUTPUTS
SCAS131 − APRIL 1990 − REVISED APRIL 1993
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per flip-flop
Outputs enabled
CL = 50 pF,
f = 1 MHz
76
pF
Cpd
Power dissipation capacitance per flip-flop
Outputs disabled
CL = 50 pF,
f = 1 MHz
64
pF
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
2 X VCC
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
2 x VCC
GND
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Data
Input
3 V
0
3 V
0
1.5 V
1.5 V
1.5 V
1.5 V
tw
High-Level
Input
Low-Level
Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
3 V
0
50%
50%
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Output
Control
(Low-Level
Enabling)
Output
Waveform 1
S1 at 2 x VCC
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
0
50%
20%
50%
80%
ENABLE AND DISABLE TIMES
VOLTAGE WAVEFORMS
3 V
Timing Input
(see Note B)
50%
50%
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC
0 V
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
D. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Numéro de pièce similaire - 74ACT11478DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470DW TI1-74ACT11470DW Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470DWR TI1-74ACT11470DWR Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74ACT11478DW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AC11478 TI1-74AC11478 Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL DUAL-RANK D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AS4374B TI-SN74AS4374B Datasheet
77Kb / 5P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE DUAL-RANK FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com