Moteur de recherche de fiches techniques de composants électroniques |
|
74ACT11174DW Fiches technique(PDF) 1 Page - Texas Instruments |
|
74ACT11174DW Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 6 page 74ACT11174 HEX DTYPE FLIPFLOP WITH CLEAR SCAS145 − D3435, MARCH 1990 − REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Copyright 1993, Texas Instruments Incorporated 2−1 • Inputs Are TTL-Voltage Compatible • Applications Include: Buffer/Storage Registers, Shift Registers, Pattern Generators • Fully-Buffered Outputs for Maximum Isolation From External Disturbances • Flow-Through Architecture Optimizes PCB Layout • Center-Pin V CC and GND Configurations Minimize High-Speed Switching Noise • EPICt (Enhanced-Performance Implanted CMOS) 1- mm Process • 500-mA Typical Latch-Up Immunity at 125°C • Package Options Include Plastic Small-Outline Packages and Standard Plastic 300-mil DIPs description This device contains six D-type flip-flops and is positive-edge-triggered with a direct clear input. Information at the D inputs meeting the setup time requirements is transferred to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs at a particular voltage level and is not directly related to the transition time of the positive-going pulse. When the clock input is at either the high or low level, the D input signal has no effect at the output. The 74ACT11174 is characterized for operation from − 40 °C to 85°C. FUNCTION TABLE (each flip-flop) INPUTS OUTPUT CLR CLK D OUTPUT Q L X X L H ↑ HH H ↑ LL H L X Q0 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 1Q 2Q 3Q GND GND GND GND 4Q 5Q 6Q CLR 1D 2D 3D VCC VCC 4D 5D 6D CLK DW OR N PACKAGE (TOP VIEW) EPIC is a trademark of Texas Instruments Incorporated. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - 74ACT11174DW |
|
Description similaire - 74ACT11174DW |