Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACTQ32QML Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce 54ACTQ32QML
Description  54ACTQ32QML Quiet Series Quad 2-Input OR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ32QML Fiches technique(HTML) 6 Page - Texas Instruments

Back Button 54ACTQ32QML Datasheet HTML 2Page - Texas Instruments 54ACTQ32QML Datasheet HTML 3Page - Texas Instruments 54ACTQ32QML Datasheet HTML 4Page - Texas Instruments 54ACTQ32QML Datasheet HTML 5Page - Texas Instruments 54ACTQ32QML Datasheet HTML 6Page - Texas Instruments 54ACTQ32QML Datasheet HTML 7Page - Texas Instruments 54ACTQ32QML Datasheet HTML 8Page - Texas Instruments 54ACTQ32QML Datasheet HTML 9Page - Texas Instruments 54ACTQ32QML Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
54ACTQ32–QMLV RH Electrical Characteristics (Continued)
DC Parameters (Continued)
The following conditions apply, unless otherwise specified.
DC:
V
CC = 4.5V to 5.5V, Temperature range −55˚C to 125˚C
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
I
CCF
Supply Current Functional
V
CC = 5.5V, VIH = 0.0V
(Note 2),
(Note 3)
100
nA
1
(Note 2),
(Note 3)
40
µA
2, 3
I
CCT
Supply Current
V
CC = 5.5V, VIH = 3.4V
(Note 2),
(Note 3)
1.0
mA
1
(Note 2),
(Note 3)
1.6
mA
2, 3
V
IKL
V
CC = 4.5V, IKL = -18mA
(Note 2),
(Note 3)
-1.2
V
1, 2, 3
V
IKH
V
CC = 4.5V, IKH = 18mA
(Note 2),
(Note 3)
5.7
V
1,2,3
V
ILD
Maximum Low Level Dynamic
Input Voltage
V
CC = 5.0V, Load 50pF / 500
(Note 7),
(Note 10)
0.8
V
4
V
IHD
Minimum High Level Dynamic
Input Voltage
V
CC = 5.0V, Load 50pF / 500
(Note 7),
(Note 10)
2.2
V
4
V
OLP
Quiet Output Maximum
Dynamic V
OL
V
CC = 5.0V, Load 50pF / 500
(Note 7),
(Note 9)
1.5
V
4
V
OLV
Quiet Output Minimum
Dynamic V
OL
V
CC = 5.0V, Load 50pF / 500
(Note 7),
(Note 9)
-1.2
V
4
AC Parameters
The following conditions apply, unless otherwise specified.
AC:
C
L = 50pF, RL = 500
Ω,t
Rise = 3.0nS, tFall = 3.0nS
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
t
PLH
Propagation Delay
V
CC = 4.5V
(Note 4),
(Note 5),
(Note 8)
1.5
7.0
ns
9
(Note 4),
(Note 5),
(Note 8)
1.5
7.5
ns
10, 11
t
PHL
Propagation Delay
V
CC = 4.5V
(Note 4),
(Note 5),
(Note 8)
1.5
7.0
ns
9
(Note 4),
(Note 5),
(Note 8)
1.5
7.5
ns
10, 11
t
OSLH
Output to Output Skew
V
CC = 4.5V
(Note 7)
1.0
ns
9, 10, 11
t
OSHL
Output to Output Skew
V
CC = 4.5V
(Note 7)
1.0
ns
9, 10, 11
www.national.com
5


Numéro de pièce similaire - 54ACTQ32QML

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
More results

Description similaire - 54ACTQ32QML

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com