Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4360-9 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce ADF4360-9
Description  Clock Generator PLL with Integrated VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4360-9 Fiches technique(HTML) 4 Page - Analog Devices

  ADF4360-9 Datasheet HTML 1Page - Analog Devices ADF4360-9 Datasheet HTML 2Page - Analog Devices ADF4360-9 Datasheet HTML 3Page - Analog Devices ADF4360-9 Datasheet HTML 4Page - Analog Devices ADF4360-9 Datasheet HTML 5Page - Analog Devices ADF4360-9 Datasheet HTML 6Page - Analog Devices ADF4360-9 Datasheet HTML 7Page - Analog Devices ADF4360-9 Datasheet HTML 8Page - Analog Devices ADF4360-9 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADF4360-9
Data Sheet
Rev. B | Page 4 of 24
Parameter
B Version
Unit
Conditions/Comments
Frequency Pushing (Open Loop)
0.24
MHz/V typ
Frequency Pulling (Open Loop)
10
Hz typ
Into 2.00 VSWR load
Harmonic Content (Second)
−16
dBc typ
Harmonic Content (Third)
−21
dBc typ
Output Power5, 7
−9/0
dBm typ
Using tuned load, programmable in 3 dB steps;
see Figure 35
Output Power5, 8
−14/−9
dBm typ
Using 50 Ω resistors to VVCO, programmable in
3 dB steps; see Figure 33
Output Power Variation
±3
dB typ
VCO Tuning Range
1.25/2.5
V min/V max
VCO NOISE CHARACTERISTICS
VCO Phase Noise Performance9,10
−91
dBc/Hz typ
@ 10 kHz offset from carrier
−117
dBc/Hz typ
@ 100 kHz offset from carrier
−139
dBc/Hz typ
@ 1 MHz offset from carrier
−140
dBc/Hz typ
@ 3 MHz offset from carrier
−147
dBc/Hz typ
@ 10 MHz offset from carrier
Normalized In-Band Phase Noise 10, 11
−218
dBc/Hz typ
In-Band Phase Noise10, 11
−110
dBc/Hz typ
@ 1 kHz offset from carrier
RMS Integrated Jitter12
1.4
ps typ
Measured at RFOUTA
Spurious Signals Due to PFD Frequency13
−75
dBc typ
DIVOUT CHARACTERISTICS12
Integrated Jitter Performance
(Integrated from 100 Hz to 1 GHz)
VCO frequency = 320 MHz to 380 MHz
DIVOUT = 180 MHz
1.4
ps rms
A = 2, A output selected
DIVOUT = 95 MHz
1.4
ps rms
A = 2, A/2 output selected
DIVOUT = 80 MHz
1.4
ps rms
A = 2, A/2 output selected
DIVOUT = 52 MHz
1.4
ps rms
A = 3, A/2 output selected (VCO = 312 MHz,
PFD = 1.6 MHz)
DIVOUT = 45 MHz
1.4
ps rms
A = 4, A/2 output selected
DIVOUT = 10 MHz
1.6
ps rms
A = 18, A/2 output selected (VCO = 360 MHz,
PFD = 1.6 MHz)
DIVOUT Duty Cycle
A Output
1/A × 100
% typ
Divide-by-A selected
A/2 Output
50
% typ
Divide-by-A/2 selected
1 Operating temperature range is −40°C to +85°C.
2 Guaranteed by design. Sample tested to ensure compliance.
3 ICP is internally modified to maintain constant loop gain over the frequency range.
4 TA = 25°C; AVDD = DVDD = VVCO = 3.3 V.
5 Unless otherwise stated, these characteristics are guaranteed for VCO core power = 5 mA. L1, L2 = 270 nH, 470 Ω resistors to GND in parallel with L1, L2.
6 Jumping from 90 MHz to 108 MHz. PFD frequency = 200 kHz; loop bandwidth = 10 kHz.
7 For more detail on using tuned loads, see the Out
section.
put Matching
8 Using 50 Ω resistors to VVCO into a 50 Ω load.
9 The noise of the VCO is measured in open-loop conditions. L1, L2 = 56 nH.
10 The phase noise is measured with the EV-ADF4360-9EB
1Z evaluation board and the Agilent E5052A signal source analyzer.
11 fREFIN = 10 MHz; fPFD = 1 MHz; N = 360; loop B/W = 40 kHz. The normalized phase noise floor is estimated by measuring the in-band phase noise at the output of the
VCO and subtracting 20logN (where N is the N divider value) and 10logfPFD. PNSYNTH = PNTOT − 10logfPFD − 20logN.
12 The jitter is measured with the EV-ADF4360-9EB
1Z evaluation board and the Agilent E5052A signal source analyzer. A low noise TCXO provides the REFIN for the
synthesizer, and the jitter is measured over the instrument’s jitter measurement bandwidth. fREFIN = 10 MHz; fPFD = 1 MHz; N = 360; loop BW = 40 kHz, unless otherwise
noted.
13 The spurious signals are measured with the EV-ADF4360-9EB
1Z evaluation board and the Agilent E5052A signal source analyzer. The spectrum analyzer provides
the REFIN for the synthesizer; fREFIN = 10 MHz @ 0 dBm. fREFIN = 10 MHz; fPFD = 1 MHz; N = 360; loop BW = 40 kHz.


Numéro de pièce similaire - ADF4360-9

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4360-9 AD-ADF4360-9 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZ AD-ADF4360-9BCPZ Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZRL AD-ADF4360-9BCPZRL Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9BCPZRL7 AD-ADF4360-9BCPZRL7 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
More results

Description similaire - ADF4360-9

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
AK8186B AKM-AK8186B Datasheet
1Mb / 69P
   Multi Output Clock Generator with Integrated 2.0GHz VCO
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com