Moteur de recherche de fiches techniques de composants électroniques |
|
AD7992 Fiches technique(PDF) 7 Page - Analog Devices |
|
AD7992 Fiches technique(HTML) 7 Page - Analog Devices |
7 / 28 page AD7992 Rev. 0 | Page 7 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to 7 V Analog Input Voltage to GND −0.3 V to VDD + 0.3 V Reference Input Voltage to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to +7 V Digital Output Voltage to GND −0.3 V to VDD + 0.3 V Input Current to Any Pin Except Supplies1 ±10 mA Operating Temperature Range Commercial (B Version) −40°C to +125°C Storage Temperature Range −65°C to +150° Junction Temperature 150°C 10-Lead MSOP Package θJA Thermal Impedance 200°C/W (MSOP) θJC Thermal Impedance 44°C/W (MSOP) Pb/SN Temperature, Soldering Reflow (10 sec to 30 sec) 240 (+0/ −5)°C Pb-Free Temperature, Soldering Reflow 260 (+0)°C ESD 1.5 kV 1 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - AD7992_05 |
|
Description similaire - AD7992_05 |