Moteur de recherche de fiches techniques de composants électroniques |
|
ESD-FPL-35-5 Fiches technique(PDF) 6 Page - NEC |
|
ESD-FPL-35-5 Fiches technique(HTML) 6 Page - NEC |
6 / 31 page EMI Core 6 EMI Cores Ring Type ●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data. ●Please request for a specification sheet for detailed product data prior to the purchase. ●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog. 9634ESDVOL09E1003E1 Toroidal Cores for Round Cables with High Heat Resistance and Cable Holding Mechanism ESD-R-H Series [RoHS Compliant] Toroidal Cores for Round Cables with High Heat Resistance and Cable Holding Mechanism ESD-R-H Series [RoHS Compliant] Toroidal Cores for Round Cables with High Heat Resistance and Cable Holding Mechanism ESD-R-H Series [RoHS Compliant] Dimensions(mm) Frequency range Model ESD-R-47H A 52.5 B 22.7 C 8.5 D 83 up to 100MHz (mainly AM band range) ● up to 300MHz (mainly FM band range) Compatible toroidal core − Color of case white Impedance vs. Frequency Shape and Dimensions ①Improved maximum allowable temperature (Increased from up to 60℃ to up to 120℃) ②Holding mechanisms provided (Enables installation with two M4 screws / holding of cables with bands) ③Our unique core material enables high performance in low frequency range ●Consumer electronics (air conditioners, refrigerators, etc.) ●Industrial equipment (INV, robots, etc.) Installation Example [mm] 16.5 18.5Max. 28.5Max. 5.2±0.2 10 3.0 ESD-R-47H 1 10000 1000 100 10 1 10 100 1000 Frequency (MHz) ESD-R-H 1T 2T 3T Features Applications |
Numéro de pièce similaire - ESD-FPL-35-5 |
|
Description similaire - ESD-FPL-35-5 |