Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESD-FPL-32-8 Fiches technique(PDF) 8 Page - NEC

No de pièce ESD-FPL-32-8
Description  EMI Core
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

ESD-FPL-32-8 Fiches technique(HTML) 8 Page - NEC

Back Button ESD-FPL-32-8 Datasheet HTML 4Page - NEC ESD-FPL-32-8 Datasheet HTML 5Page - NEC ESD-FPL-32-8 Datasheet HTML 6Page - NEC ESD-FPL-32-8 Datasheet HTML 7Page - NEC ESD-FPL-32-8 Datasheet HTML 8Page - NEC ESD-FPL-32-8 Datasheet HTML 9Page - NEC ESD-FPL-32-8 Datasheet HTML 10Page - NEC ESD-FPL-32-8 Datasheet HTML 11Page - NEC ESD-FPL-32-8 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
EMI Core
8
Ring Type
e
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634ESDVOL09E1003E1
bESD-R Series
OD
T
Installation Example
Shape and Dimensions
Toroidal Cores (Bare Type)
[RoHS Compliant]
Toroidal Cores (Bare Type)
[RoHS Compliant]
ESD-R-10D
9.5
5.0
10.0
ESD-R-10E
10.0
5.0
5.0
ESD-R-10S
10.5
5.5
20.0
ESD-R-12C
11.8
7.3
15.0
ESD-R-12E
11.8
7.3
8.0
ESD-R-12F
12.0
8.5
15.0
ESD-R-12S
12.0
7.0
5.5
ESD-R-14C
14.0
7.0
3.0
ESD-R-14E
14.0
10.0
8.0
ESD-R-14S
14.3
6.3
28.5
ESD-R-15C-1
15.0
10.5
12.0
ESD-R-16
15.8
11.6
8.4
ESD-R-16C
16.0
9.0
17.0
ESD-R-17S
17.5
9.5
28.5
ESD-R-18SD
18.0
10.0
6.0
ESD-R-19S
18.5
10.0
10.0
ESD-R-19SD
18.5
10.0
10.0
ESD-R-22SD
22.5
13.8
6.4
ESD-R-25SD
25.0
15.0
12.0
ESD-R-25S
25.0
15.0
12.0
ESD-R-26S
26.0
13.0
28.5
ESD-R-28C
28.0
16.0
13.0
ESD-R-31C
31.0
19.0
8.0
ESD-R-38D
38.1
19.0
12.7
Model
Dimensions (mm)
Frequency range
OD
ID
T
up to 100MHz(mainly AM band range)
up to 300MHz(mainly FM band range)
※Other sizes available. Please contact NEC TOKIN.
※Above frequency range is a reference only. Please test with actual device before use.


Numéro de pièce similaire - ESD-FPL-32-8

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
ESD-FPL-34-15 KEMET-ESD-FPL-34-15 Datasheet
60Kb / 1P
   KEMET, ESD-FPL, EMI Cores, Noise Suppression
More results

Description similaire - ESD-FPL-32-8

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
7427055 WURTH-7427055 Datasheet
399Kb / 4P
   Multi-Aperture EMI Suppression Core
7427054 WURTH-7427054 Datasheet
405Kb / 4P
   Multi-Aperture EMI Suppression Core
7427056 WURTH-7427056 Datasheet
404Kb / 4P
   Multi-Aperture EMI Suppression Core
7427050 WURTH-7427050 Datasheet
400Kb / 4P
   Multi-Aperture EMI Suppression Core
7427052 WURTH-7427052 Datasheet
404Kb / 4P
   Multi-Aperture EMI Suppression Core
7427051 WURTH-7427051 Datasheet
406Kb / 4P
   Multi-Aperture EMI Suppression Core
7427057 WURTH-7427057 Datasheet
394Kb / 4P
   Multi-Aperture EMI Suppression Core
7427023 WURTH-7427023 Datasheet
430Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427027 WURTH-7427027 Datasheet
424Kb / 4P
   Split EMI Suppression Ferrite Ring Core
7427025 WURTH-7427025 Datasheet
417Kb / 4P
   Split EMI Suppression Ferrite Ring Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com