Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC2900 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC2900
Description  Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC2900 Fiches technique(HTML) 3 Page - Texas Instruments

  DAC2900 Datasheet HTML 1Page - Texas Instruments DAC2900 Datasheet HTML 2Page - Texas Instruments DAC2900 Datasheet HTML 3Page - Texas Instruments DAC2900 Datasheet HTML 4Page - Texas Instruments DAC2900 Datasheet HTML 5Page - Texas Instruments DAC2900 Datasheet HTML 6Page - Texas Instruments DAC2900 Datasheet HTML 7Page - Texas Instruments DAC2900 Datasheet HTML 8Page - Texas Instruments DAC2900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DAC2900
3
SBAS166C
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TMIN to TMAX, +VA = +5V, +VD = +3.3V, differential transformer coupled output, and 50Ω doubly-terminated, unless otherwise noted. Independent Gain mode.
DYNAMIC PERFORMANCE (Cont.)
Signal-to-Noise Ratio (SNR)
0dBFS Output
62
dBc
fOUT = 5.02MHz, fCLOCK = 50MHz
Signal-to-Noise and Distortion (SINAD)
0dBFS Output
61.5
dBc
fOUT = 5.02MHz, fCLOCK = 50MHz
Channel Isolation
fOUT = 1MHz, fCLOCK = 52MSPS
85
dBc
fOUT = 20MHz, fCLOCK = 125MSPS
77
dBc
Output Settling Time(2)
to 0.1%
30
ns
Output Rise Time(2)
10% to 90%
2
ns
Output Fall Time(2)
10% to 90%
2
ns
Glitch Impulse
2pV-s
DC ACCURACY
Full-Scale Output Range(3)(FSR)
All Bits HIGH, IOUT
220
mA
Output Compliance Range
–1.0
+1.25
V
Gain Error—Full-Scale
With Internal Reference
–5
±1+5
%FSR
Gain Error
With External Reference
–2.5
±1
+2.5
%FSR
Gain Matching
With Internal Reference
–2.0
0.5
+2.0
%FSR
Gain Drift
With Internal Reference
±50
ppmFSR/
°C
Offset Error
With Internal Reference
–0.02
+0.02
%FSR
Offset Drift
With Internal Reference
±0.2
ppmFSR/
°C
Power-Supply Rejection, +VA
+5V,
±10%
–0.2
+0.2
%FSR/V
Power-Supply Rejection, +VD
+3.3V,
±10%
–0.025
+0.025
%FSR/V
Output Noise
IOUT = 20mA, RLOAD = 50Ω
50
pA/
√Hz
IOUT = 2mA
30
pA/
√Hz
Output Resistance
200
k
Output Capacitance
IOUT, IOUT to Ground
6
pF
REFERENCE/CONTROL AMP
Reference Voltage
+1.18
+1.25
+1.31
V
Reference Voltage Drift
±50
ppmFSR/
°C
Reference Output Current
100
nA
Reference Multiplying Bandwidth
0.3
MHz
Input Compliance Range
+0.5
+1.25
V
DIGITAL INPUTS
Logic Coding
Straight Binary
Logic High Voltage, VIH
+VD = +5V
3.5
5
V
Logic Low Voltage, VIL
+VD = +5V
0
1.2
V
Logic High Voltage, VIH
+VD = 3.3V
2
3
V
Logic Low Voltage, VIL
+VD = 3.3V
0
0.8
V
Logic High Current, IIH(4)
+VD = 3.3V
±10
µA
Logic Low Current
+VD = 3.3V
±10
µA
Input Capacitance
5pF
POWER SUPPLY
Supply Voltages
+VA
+3.0
+5
+5.5
V
+VD
+3.0
+3.3
+5.5
V
Supply Current
IVA(5)
VA = +5V, lOUT = 20mA
58
65
mA
IVA(5)
Power-Down Mode
1.7
3
mA
IVD(5)
4.2
7
mA
IVD(6)
17
19.5
mA
Power Dissipation(5)
VA = +5V, VD = 3.3V, lOUT = 20mA
310
350
mW
Power Dissipation(6)
VA = +5V, VD = 3.3V, lOUT = 20mA
348
390
mW
Power Dissipation(5)
VA = +5V, VD = 3.3V, lOUT = 2mA
130
mW
Power Dissipation
Power-Down Mode
23
38
mW
Thermal Resistance, TQFP-48
θ
JA
60
°C/W
θ
JC
13
°C/W
TEMPERATURE RANGE
Specified
Ambient
–40
+85
°C
Operating
Ambient
–40
+85
°C
NOTES: (1) At output lOUT, while driving a virtual ground. (2) Measured single-ended into 50Ω load. (3) Nominal full-scale output current is 32 x IREF; see Application
Information section for details. (4) Typically 45
µA for the PD pin, which has an internal pull-down resistor. (5) Measured at f
CLOCK = 25MSPS and fOUT = 1MHz.
(6) Measured at fCLOCK = 100MSPS and fOUT = 40MHz.
DAC2900Y
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT


Numéro de pièce similaire - DAC2900

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900-EVM BURR-BROWN-DAC2900-EVM Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1K BURR-BROWN-DAC2900Y/1K Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/250 BURR-BROWN-DAC2900Y/250 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC2900

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI-DAC2900_15 Datasheet
962Kb / 22P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 TI1-DAC2904 Datasheet
835Kb / 26P
[Old version datasheet]   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2902 BURR-BROWN-DAC2902 Datasheet
389Kb / 17P
   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2904 BURR-BROWN-DAC2904 Datasheet
457Kb / 19P
   Dual, 14-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2902 TI1-DAC2902 Datasheet
766Kb / 22P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2902 TI-DAC2902_15 Datasheet
979Kb / 23P
[Old version datasheet]   Dual, 12-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
ADC101C021 TI1-ADC101C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com