Moteur de recherche de fiches techniques de composants électroniques |
|
DAC811 Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
DAC811 Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 14 page 7 ® DAC811 DAC811 features separate digital and analog power supply returns to permit optimum connections for low noise and high speed performance. The analog common (pin 23) and digital common (pin 15) should be connected together at one point. Separate returns minimize current flow in low level signal paths if properly connected. Logic return currents are not added into the analog signal return path. A ±0.5V difference between ACOM and DCOM is permitted for specified operation. High frequency noise on DCOM with respect to ACOM may permit noise to be coupled through to the analog output; therefore, some caution is required in applying these common connections. The Analog Common is the high quality return for the D/A converter and should be connected directly to the analog reference point of the system. The load driven by the output amplifier should be returned to the Analog Common. EXTERNAL OFFSET AND GAIN ADJUSTMENT Offset and Gain may be trimmed by installing external Offset and Gain potentiometers. Connect these potentiom- eters as shown in Figure 5. TCR of the potentiometers should be 100ppm/ °C or less. The 1MΩ and 3.9MΩ resis- tors (20% carbon or better) should be located close to the DAC811 to prevent noise pickup. If it is not convenient to use these high value resistors, an equivalent “T” network, as shown in Figure 6, may be substituted in each case. The Gain Adjust (pin 22) is a high impedance point and a 0.001 µF to 0.01µF ceramic capacitor should be connected from this pin to Analog Common to reduce noise pickup in all applications, including those not employing external gain adjustment. Excessive capacitance on the Gain Adjust or Offset Adjust pin may affect slew rate and settling time. FIGURE 6. Equivalent Resistances. FIGURE 7. Output Amplifier Voltage Range Scaling Circuit. OUTPUT DIGITAL CONNECT CONNECT RANGE INPUT CODES PIN 25 TO PIN 27 TO 0 to +10V USB 24 23 ±5 BOB or BTC 24 26 ±10V BOB or BTC NC 26 TABLE IV. Output Range Connections. APPLICATIONS MICROCOMPUTER BUS INTERFACING The DAC811 interface logic allows easy interface to micro- computer bus structures. The control signal WR is derived from external device select logic and the I/O Write or Memory Write (depending upon the system design) signals from the microcomputer. The latch enable lines NA, NB, NC and LDAC determine which of the latches are enabled. It is permissible to enable two or more latches simultaneously, as shown in some of the following examples. The double-buffered latch permits data to be loaded into the input latches of several DAC811s and later strobed into the D/A latch of all D/As, simultaneously updating all analog outputs. All the interface schemes shown below use a base address decoder. If blocks of memory are used, the base address decoder can be simplified or eliminated altogether. For instance, if half the memory space is unused, address line A15 of the microcomputer can be used as the chip select control. 4-BIT INTERFACE An interface to a 4-bit microcomputer is shown in Figure 8. Each DAC811 occupies four address locations. A 74LS139 provides the two-to-four decoder and selects it with the base address. Memory Write (WR) of the microcomputer is connected directly to the WR pin of the DAC811. An 8205 decoder is an alternative to the 74LS139. OUTPUT RANGE CONNECTIONS Internal scaling resistors provided in the DAC811 may be connected to produce bipolar output voltage ranges of ±10V and ±5V or a unipolar output voltage range of 0 to +10V. The 20V range ( ±10V bipolar range) is internally connected. Refer to Figure 7. Connections for the output ranges are listed in Table IV. 1M Ω 3.9M Ω 100k Ω 100k Ω 12k Ω 10k Ω 180k Ω 180k Ω 4.26k Ω 5.36k Ω 24 V OUT 23 Analog Common From D/A Converter From Voltage Reference 4.26k Ω 25 10V Range 26 Summing Junction 27 Bipolar Offset |
Numéro de pièce similaire - DAC811 |
|
Description similaire - DAC811 |