Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD103BW Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce SD103BW
Description  400mW Schottky Barrier Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SD103BW Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SD103BW Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SD103BW Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (SD103AW - SD103CW)
FIG.1- TYPICAL FORWARD CHARACTERISTICS
FIG.2- JUNCTION CAPACITANCE VS
REVERSE VOLTAGE
0.01
0.10
1.0
10
100
1000
0
0.5
1.0
0
V , FORWARD VOLTAGE (V)
F
V , REVERSE VOLTAGE (V)
R
10
1.0
0.1
100
10
20
30
40
SD103AW - SD103CW
400mW Schottky Barrier Switching Diode
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - SD103BW

FabricantNo de pièceFiches techniqueDescription
logo
Jiangsu Changjiang Elec...
SD103BW JIANGSU-SD103BW Datasheet
731Kb / 4P
   Schottky Barrier Diode
logo
Pan Jit International I...
SD103BW PANJIT-SD103BW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Guangdong Kexin Industr...
SD103BW KEXIN-SD103BW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Galaxy Semi-Conductor H...
SD103BW BILIN-SD103BW Datasheet
192Kb / 3P
   Schottky Barrier Diode
logo
Rohm
SD103BW ROHM-SD103BW Datasheet
119Kb / 3P
   Low Forward Voltage Drop
More results

Description similaire - SD103BW

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
SD101AW TSC-SD101AW_1 Datasheet
74Kb / 2P
   400mW Schottky Barrier Switching Diode
SD101XW TSC-SD101XW Datasheet
74Kb / 2P
   400mW Schottky Barrier Switching Diode
logo
Shenzhen Luguang Electr...
SD101AW LUGUANG-SD101AW Datasheet
120Kb / 2P
   400mW Schottky Barrier Switching Diode
logo
Taiwan Semiconductor Co...
SD103AW TSC-SD103AW_1 Datasheet
73Kb / 2P
   400mW Schottky Barrier Switching Diode
SD103AW TSC-SD103AW_11 Datasheet
188Kb / 3P
   400mW, Low VF SMD Schottky Barrier Diode
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
   High Speed Switching Diode 400mW
BAS316 MCC-BAS316_13 Datasheet
422Kb / 4P
   High Speed Switching Diode 400mW
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com