Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD770 Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce MMBD770
Description  Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMBD770 Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMBD770 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMBD770 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMBD770 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse Breakdown voltage
MMBD330
MMBD770
V(BR)R
IR=100μA
30
70
V
Reverse current
MMBD330
MMBD770
IR
VR=25V
VR=35V
200
200
nA
Forward voltage
MMBD330
MMBD770
VF
IF=1.0mA
IF=10mA
IF=1.0mA
IF=10mA
0.45
0.60
0.50
1.0
V
Diode capacitance
MMBD330
MMBD770
CD
VR=15V,f=1MHz
VR=20V,f=1MHz
0.9
0.5
pF
TYPICAL CHARACTERISTICS @ Ta=25
℃ unless otherwise specified
MMBD330/MMBD770
Schottky Barrier Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - MMBD770

FabricantNo de pièceFiches techniqueDescription
logo
Diode Semiconductor Kor...
MMBD770 DSK-MMBD770 Datasheet
284Kb / 4P
   Schottky Barrier Diode
logo
Motorola, Inc
MMBD770T1 MOTOROLA-MMBD770T1 Datasheet
153Kb / 8P
   Schottky Barrier Diodes
logo
ON Semiconductor
MMBD770T1 ONSEMI-MMBD770T1 Datasheet
153Kb / 8P
   Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD770T1 LRC-MMBD770T1 Datasheet
84Kb / 4P
   Schottky Barrier Diodes
logo
ON Semiconductor
MMBD770T1G ONSEMI-MMBD770T1G Datasheet
131Kb / 4P
   Schottky Barrier Diodes
October, 2010 -- Rev. 5
More results

Description similaire - MMBD770

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com