Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT86 Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BAT86
Description  Small Signal Schottky Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAT86 Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAT86 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For general purpose applications
This diodes features very low turn-on voltage
and fast switching. This devices are protected
Case:JEDEC DO--35,glas s cas e
Weight: Approx. 0.13 gram
Symbols
Min.
UNITS
50.0
V
V
V
V
V
V
A
pF
ns
/W
200
1)
125
VF
Value
50.0
200
1)
500
1)
5
300
1)
1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature
Continuous reverse voltage
Forw ard continuous current
@
TA=25
Repetitive peak f orw ard current @ tp<1s,
<=0.5,TA=25
0.6
0.9
5.0
8
trr
RθJA
@ IF=100mA
Leakage current VR=40V
Junction capacitance at VR=1V,f=1MHz
Reverse recovery time form IF=10mA to IR=10mA to IR=1mA
Max.
Typ.
c-55 ---+ 150
ELECTRICAL CHARACTERISTICS
Forw ard voltage
V
mA
mA
mw
Ptot
TJ
TA
voltage, such as electrostatic discharges
Pow er dissipation @ TA=25
fast switching and low logic level applications
Metal s ilicon schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices,s teering,bias ing and coupling diodes for
UNITS
c-55 ---+ 125
Polarity: Color band denotes cathode end
ABSOLUTE RATINGS
VR
IF
IFRM
Junction temperature
Ambient operating temperature range
by a PN junction guard ring against exces sive
VOLTAGE RANGE: 50 V
CURRENT: 0.2 A
DO - 35(GLASS)
@ IF=10mA
@ IF=30mA
0.365
0.7
IR
0.2
0.3
Storage temperature range
TSTG
Reverse breakdow n voltage tested w ith 100
A pulses
Symbols
VR
0.38
Pulse test tp<300
s,
<2%
@ IF=0.1mA
@ IF=1mA
0.45
1)Valid provided that leads at a distance of 4mm f rom case are kept at ambient temperature
0.275
0.46
Thermal resistance junction to ambient air
CJ
Dimensions in millimeters
BAT86
Small Signal Schottky Diodes
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - BAT86

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT86 PHILIPS-BAT86 Datasheet
31Kb / 6P
   Schottky barrier diode
1996 Mar 20
logo
Continental Device Indi...
BAT86 CDIL-BAT86 Datasheet
194Kb / 3P
   SILICON PLANAR SCHOTTKY BARRIER DIODE
logo
General Semiconductor
BAT86 GE-BAT86 Datasheet
44Kb / 2P
   Schottky Diodes
logo
SUNMATE electronic Co.,...
BAT86 SUNMATE-BAT86 Datasheet
68Kb / 1P
   0.2A Axial Leaded Schottky Barrier Diodes
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
More results

Description similaire - BAT86

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com