Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40-04 Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce BAS40-04
Description  Surface Mount Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BAS40-04 Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BAS40-04 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BAS40-04 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS40 / -04 / -05 / -06
Surface Mount Schottky Barrier Diode
SOT-23
Features
Low turn-on voltage
Fast switching
PN junction guard Ring for transient
Mechanical Data
Case: SOT-23, Molded plastic
Marking & Polarity: See diagram below
Weight: 0.008 grams (approx.
)
Dimensions in inches and (millimeters)
Maximum Ratings TA
=25℃ unless otherwise specified
Type Number
Symbol
BAS40
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Forward Continuous Current (Note 1)
IFM
200
mA
Non-Repetitive Peak Forward Surge Current
@ t ≦1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air
(Note 1)
RθJA
357
OC/W
Operating Junction Temperature Range
TJ
-55 to + 125
OC
Storage Temperature Range
TSTG
-65 to + 150
OC
Electrical Characteristics
Type Number
Symbol
Min
Typ
Max
Units
Reverse Breakdown Voltage
IR=10uA
V(BR)
40
-
-
V
Reverse Leakage Current tp<300us, VR=30V
IR
--
20
200
nA
Forward Voltage Drop
tp=300us, IF=1.0mA
tp<300us, IF=40mA
VF
--
-
-
380
1000
mV
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
4.0
5.0
pF
Reverse Recovery Time (Note 2)
trr
-
--
5.0
nS
Notes: 1. Valid Provided that Terminals are Kept at Ambient Temperature.
2. Reverse Recovery Test Conditions: IF=IR=10mA, Irr=1.0mA, RL=100Ω.
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - BAS40-04

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAS40-04 ONSEMI-BAS40-04 Datasheet
45Kb / 4P
   SCHOTTKY BARRIER DIODES
March, 2004 ??Rev. 8
logo
Taiwan Semiconductor Co...
BAS40-04 TSC-BAS40-04 Datasheet
244Kb / 5P
   Low VF SMD Schottky Barrier Diode
logo
Diotec Semiconductor
BAS40-04 DIOTEC-BAS40-04 Datasheet
192Kb / 2P
   SMD Small Signal Schottky Diodes
logo
Diodes Incorporated
BAS40-04 DIODES-BAS40-04 Datasheet
257Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 19 - 2
logo
Taiwan Semiconductor Co...
BAS40-04 TSC-BAS40-04 Datasheet
213Kb / 2P
   200mW, Low VF, SMD Schottky Barrier Diode
More results

Description similaire - BAS40-04

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
SD101AWS KEXIN-SD101AWS Datasheet
36Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SD103BWS KEXIN-SD103BWS Datasheet
34Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS40 SEMTECH_ELEC-BAS40 Datasheet
119Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Weitron Technology
WSD751H WEITRON-WSD751H Datasheet
309Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
GTM CORPORATION
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS400SD GTM-GS400SD Datasheet
148Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
GS402SD GTM-GS402SD Datasheet
163Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
   Surface Mount Schottky Barrier Diode
logo
Diodes Incorporated
SDMK0340L DIODES-SDMK0340L_08 Datasheet
107Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 10 - 2 June 2008
SDMG0340L DIODES-SDMG0340L_08 Datasheet
125Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 12 - 2 July 2008
SDM10K45 DIODES-SDM10K45_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 15 - 2 June 2010
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com