Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF2A Fiches technique(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce UF2A
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF2A Fiches technique(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF2A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF2A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
2
4
6
10
20
40
60
100
200
0.1 0.2 0.4
1
2
4
10
40
100
20
UF2J
-UF2M
UF2A
-UF2G
    
TJ=25
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF.
JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
SET TIME BASE FOR 20/30 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 -- FORWARD DERATING CURVE
z
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
FIG.5 -- PEAK FORWARD SURGE CURRENT
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE 1)
(+)
25VDC
(approx)
(-)
-1.0A
-0.25A
0
+0.5A
trr
1cm
TJ=25
Pulse Width=300µS
0.2
50\100\200V
0
0.01
0.1
1.0
100
10
600\800\1000V
0.4 0.6 0.8 1 1.2
1.8
1.4 1.6
2
400V
0
40
50
1
10
100
30
5
8.3ms Single Half
Sine-Wave
50
10
20
.5
1
1.5
2
2.5
0
25
50
75
100
125
150
SinglePhase
Half Wave60HZ
Resistiveor
InductiveLoad
0
175
UF2A-UF2M
Surface Mount Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - UF2A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
UF2A PANJIT-UF2A Datasheet
112Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Nantong Hornby Electron...
UF2A HORNBY-UF2A Datasheet
290Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Surge Components
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
More results

Description similaire - UF2A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com