Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF2A Fiches technique(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

No de pièce UF2A
Description  Surface Mount Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Site Internet  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

UF2A Fiches technique(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  UF2A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd UF2A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.7± 0.25
1.3± 0.2
0.2± 0.05
5.4± 0.2
DO-214AA(SMB)
Maximum thermal resistance (NOTE1)
Dimensions in millimeters
Low cost
Low leakage
Low forward voltage drop
High current capability
Case:JEDEC DO-214AA,molded plastic
Polarity: Color band denotes cathode
Weight: 0.003 ounces,0.093 grams
Mounting position: Any
Ratings at 25  ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
UF2D UF2G UF2J UF2K UF2M
Maximumrecurrent peak reverse voltage
VRRM
200
400
600
800
1000
V
MaximumRMS voltage
VRMS
140
280
420
560
700
V
MaximumDC blocking voltage
VDC
200
400
600
800
1000
V
Maximumaverage forw ard rectified current
@T
L=90
Peak forw ard surge current
8.3ms single half-sine-w ave
superimposed on rated load @T
J=125
Maximuminstantaneous forw ard voltage at2.0 A
VF
1.4
V
Maximumreverse current
@T
A=25
at rated DC blocking voltage @T
A=100
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
RθJA
W
Operating junction temperature range
TJ
Storage temperature range
TSTG
75
15
12
IR
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC.
1.0
15
100
50
VOLTAGE RANGE: 50 --- 1000 V
CURRENT:
2.0 A
- 55 ---- + 150
35
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
The plastic material carries U/L recognition 94V-0
100
50
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
A
5.0
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
2
.0
70
UNITS
- 55 ---- + 150
UF2A UF2B
50
100
A
5
0
IFSM
1.7
UF2A-UF2M
Surface Mount Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Numéro de pièce similaire - UF2A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
UF2A PANJIT-UF2A Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
UF2A PANJIT-UF2A Datasheet
112Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Nantong Hornby Electron...
UF2A HORNBY-UF2A Datasheet
290Kb / 3P
   SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Surge Components
UF2A SURGE-UF2A Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
More results

Description similaire - UF2A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com