Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UF15-02G Fiches technique(PDF) 2 Page - Frontier Electronics.

No de pièce UF15-02G
Description  1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FRONTIER [Frontier Electronics.]
Site Internet  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UF15-02G Fiches technique(HTML) 2 Page - Frontier Electronics.

  UF15-02G Datasheet HTML 1Page - Frontier Electronics. UF15-02G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UF15-005G THRU UF15-10G
Page: 2
RATINGS AND CHARACTERISTIC CURVE UF15-005G THRU UF15-10G
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0 2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
UF15-005G~04G
UF15-06G~10G
TJ=25
oC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
3.0
2.0
1.0
0
0
25
50
75
100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive or
Inductive Load
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
60
50
40
30
20
10
0
8.3 ms Single Half Sine Wave
(JEDEC Method)
0
1
2
4
6
10
20
40
60
100
NUMBER OF CYCLES AT 60HZ
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0
1.2
1.4 1.6 1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
UF15-005G~02G
UF15-08G~10G
10
1.0
0.1
.01
.001
UF15-03G~04
UF15-06G
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
100
10
1.0
.1
.01
TJ=25
oC
TJ=80
oC
TJ=125
oC
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Numéro de pièce similaire - UF15-02G

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
UF15-02G FRONTIER-UF15-02G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
More results

Description similaire - UF15-02G

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
TAITRON Components Inco...
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
   1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
PR1501G DIODES-PR1501G_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. 5 - 2
logo
TAITRON Components Inco...
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
   1.5A Sintered Glass Passivated Fast Recovery Rectifier
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com