Moteur de recherche de fiches techniques de composants électroniques |
|
1N4745A-LFR Fiches technique(PDF) 2 Page - Frontier Electronics. |
|
1N4745A-LFR Fiches technique(HTML) 2 Page - Frontier Electronics. |
2 / 2 page 1N4736A-LFR THRU 1N4764A-LFR Page: 1 Figure 3. Typical Thermal Resistance versus Lead Length 1000 700 500 200 100 70 50 20 10 7 5 2 1 1 2 3 5 7 10 20 30 50 70 100 VZ, ZENER CURRENT (mA) Iz=1mA 5mA 20mA Tj=25ºC Iz(ms)=0.1Iz(do ) f 60h Figure 4. Effect of Zener Current 400 300 200 100 50 20 10 8 4 1 2 5 10 20 50 100 VZ, NOMINAL VZ (VOLTS) 50%OF BREAKDOWNBIAS 0VBIAS 0VBIAS FIG.1A- Range for Units to 12 Volts +12 +10 +8 +6 +4 +2 0 -2 -4 2 3 4 5 6 7 8 9 10 11 12 VZ, ZENER VOLTAGE (VOLTS) RANGE VZ@IZT FIG.1B- Range for Units to 12 to 100 Volts 100 70 50 30 20 10 7 5 3 2 1 10 20 30 50 70 100 VZ, ZENER VOLTAGE (VOLTS) RANGE VZ@IZT 175 150 125 100 75 50 25 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 L, LEAD LENGTH TO HEAT SINK (INCHES) Figure 2. Temperature Coefficients (-55ºC to+150ºC temperature change; 90% of the units are in the ranges indicated.) +6 +4 +2 0 -2 -4 3 4 5 6 7 8 20mA 1mA 0.01mA VZ@IZ TA=25ºC NOTE: BELOW 3 VOLTS AND ABOVE 8 VOLTS CHANGES IN ZENER CURRENT DO NOT EFFECT TEMPERATURE COEFFICIENTS VZ, ZENER VOLTAGE (VOLTS) 1.25 1.0 0.75 0.5 0.25 Figure. 7 - Power Temperature De-rating Curve 0 20 40 60 80 100 120 140 160 180 200 TL, LEAD TEMPERATURE ( OC) |
Numéro de pièce similaire - 1N4745A-LFR |
|
Description similaire - 1N4745A-LFR |