Moteur de recherche de fiches techniques de composants électroniques |
|
E-165101-1-9 Fiches technique(PDF) 6 Page - Tyco Electronics |
|
E-165101-1-9 Fiches technique(HTML) 6 Page - Tyco Electronics |
6 / 48 page 91 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 CP Clear polyester labels Thermal Transfer Product dimensions Product Package Labels Label width (A) Label height (B) Horizontal repeat (C) Vertical repeat (D) Web width (E) order code quantity across mm inches mm inches mm inches mm inches mm inches CP-254097-10-X 10,000 3 25.4 1.000 9.7 0.380 27.9 1.100 12.7 0.500 87.4 3.440 CP-254127-10-X 10,000 3 25.4 1.000 12.7 0.500 27.9 1.100 16.9 0.666 87.4 3.440 CP-381064-10-X 10,000 1 38.1 1.500 6.4 0.250 N/A N/A 9.5 0.375 44.5 1.750 CP-381127-5-X 5,000 2 38.1 1.500 12.7 0.500 44.2 1.738 15.9 0.625 88.2 3.472 CP-381191-5-X 5,000 2 38.1 1.500 19.1 0.750 43.2 1.700 22.2 0.875 87.6 3.450 CP-406254-1.5-X 1,500 2 40.6 1.600 25.4 1.000 55.9 2.200 38.1 1.500 102.9 4.050 CP-508127-5-X 5,000 1 50.8 2.000 12.7 0.500 N/A N/A 15.9 0.625 56.9 2.240 CP-508254-5-X 5,000 1 50.8 2.000 25.4 1.000 N/A N/A 28.6 1.125 57.2 2.250 CP-508318-2.5-X 2,500 1 50.8 2.000 31.8 1.250 N/A N/A 34.9 1.375 56.9 2.240 CP-699254-5-X 5,000 1 69.9 2.750 25.4 1.000 N/A N/A 28.6 1.125 76.2 3.000 CP-762254-5-X 5,000 1 76.2 3.000 25.4 1.000 N/A N/A 28.6 1.125 82.3 3.240 CP-762508-2.5-X 2,500 1 76.2 3.000 50.8 2.000 N/A N/A 54.0 2.125 82.3 3.240 CP-101635-2.5-X 2,500 1 101.6 4.000 63.5 2.500 N/A N/A 66.7 2.625 107.7 4.240 ** N NO OT TE E:: S Stta an nd da arrd d F Fo orrm ma att N No ott C Co om mp pa attiib blle e w wiitth h T T2 20 00 0 P Prriin ntte errss |
Numéro de pièce similaire - E-165101-1-9 |
|
Description similaire - E-165101-1-9 |