Moteur de recherche de fiches techniques de composants électroniques |
|
M-394064-10-8A Fiches technique(PDF) 8 Page - Tyco Electronics |
|
M-394064-10-8A Fiches technique(HTML) 8 Page - Tyco Electronics |
8 / 48 page 93 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 HW High tack white polyester labels Thermal Transfer Product dimensions Product Package Labels Label width (A) Label height (B) Horizontal repeat (C) Vertical repeat (D) Web width (E) order code quantity across mm inches mm inches mm inches mm inches mm inches HW-127111-10-9 10,000 5 12.7 0.500 11.1 0.437 16.8 0.662 14.3 0.563 86.0 3.380 HW-127127-10-9 10,000 5 12.7 0.500 12.7 0.500 15.9 0.625 15.9 0.625 82.6 3.250 * HW-165051-25-9 25,000 4 16.5 0.650 5.1 0.200 17.8 0.700 8.3 0.325 75.8 2.990 HW-165102-10-9 10,000 5 16.5 0.650 10.2 0.400 19.1 0.750 13.8 0.545 99.1 3.900 HW-171171-10-9 10,000 5 17.1 0.674 17.1 0.674 19.7 0.774 20.3 0.800 101.8 4.006 * HW-178095-10-9 10,000 4 17.8 0.700 9.5 0.375 19.1 0.750 12.7 0.500 80.9 3.190 * HW-191064-10-9 10,000 4 19.1 0.750 6.4 0.250 21.6 0.850 9.5 0.375 89.9 3.540 HW-191114-15-9 15,000 3 19.1 0.750 11.4 0.450 22.2 0.875 14.7 0.579 69.5 2.736 * HW-203127-10-9 10,000 4 20.3 0.800 12.7 0.500 22.9 0.900 15.9 0.625 94.6 3.730 HW-229064-10-9 10,000 3 22.9 0.900 6.4 0.250 28.6 1.125 9.5 0.375 86.0 3.390 HW-254045-10-9 10,000 3 25.4 1.000 4.6 0.180 31.8 1.250 8.5 0.333 95.3 3.750 HW-254064-10-9 10,000 3 25.4 1.000 6.4 0.250 27.9 1.100 9.5 0.375 87.3 3.436 HW-254097-10-9 10,000 3 25.4 1.000 9.7 0.380 27.9 1.100 12.7 0.500 87.4 3.440 HW-254127-10-9 10,000 3 25.4 1.000 12.7 0.500 27.9 1.100 16.9 0.666 87.4 3.440 HW-254254-10-9 10,000 3 25.4 1.000 25.4 1.000 27.9 1.100 28.6 1.125 87.4 3.440 * HW-305047-10-9 10,000 2 30.5 1.200 4.7 0.185 33.0 1.300 7.8 0.306 69.5 2.736 HW-318064-10-9 10,000 1 31.8 1.250 6.4 0.250 N/A N/A 9.5 0.375 37.9 1.490 HW-318097-10-9 10,000 1 31.8 1.250 9.7 0.380 N/A N/A 12.7 0.500 37.8 1.488 HW-381064-10-9 10,000 1 38.1 1.500 6.4 0.250 N/A N/A 9.5 0.375 44.5 1.750 * HW-381127-5-9 5,000 2 38.1 1.500 12.7 0.500 44.2 1.738 15.9 0.625 88.2 3.472 HW-381191-5-9 5,000 2 38.1 1.500 19.1 0.750 43.2 1.700 22.2 0.875 87.6 3.450 * HW-381381-2.5-9 2,500 2 38.1 1.500 38.1 1.500 44.5 1.750 40.8 1.607 88.9 3.500 * HW-381635-5-9 5,000 2 38.1 1.500 63.5 2.500 40.6 1.600 66.7 2.625 84.7 3.338 * HW-406254-1.5-9 1,500 2 40.6 1.600 25.4 1.000 55.9 2.200 38.1 1.500 102.9 4.050 HW-445064-10-9 10,000 1 44.5 1.750 6.4 0.250 N/A N/A 9.5 0.375 50.4 1.986 HW-445102-5-9 5,000 1 44.5 1.750 10.2 0.400 N/A N/A 12.7 0.500 50.4 1.986 HW-445445-2-9 2,000 1 44.5 1.750 44.5 1.750 N/A N/A 47.6 1.875 50.4 1.986 HW-478175-5-9 5,000 1 47.8 1.880 17.5 0.690 N/A N/A 24.4 0.962 66.0 2.600 HW-508064-10-9 10,000 1 50.8 2.000 6.4 0.250 N/A N/A 9.5 0.375 56.9 2.240 HW-508095-5-9 5,000 1 50.8 2.000 9.5 0.375 N/A N/A 12.7 0.500 57.2 2.250 HW-508127-5-9 5,000 1 50.8 2.000 12.7 0.500 N/A N/A 15.9 0.625 56.9 2.240 HW-508254-5-9 5,000 1 50.8 2.000 25.4 1.000 N/A N/A 28.6 1.125 57.2 2.250 HW-508318-2.5-9 2,500 1 50.8 2.000 31.8 1.250 N/A N/A 34.9 1.375 56.9 2.240 HW-508508-3-9 3,000 1 50.8 2.000 50.8 2.000 N/A N/A 54.6 2.150 54.0 2.130 HW-523841-1.5-9 1,500 1 52.3 2.060 84.1 3.310 N/A N/A 88.9 3.500 58.2 2.290 HW-610419-2.5-9 2,500 1 61.0 2.400 41.9 1.650 N/A N/A 45.5 1.792 67.3 2.650 HW-699191-5-9 5,000 1 69.9 2.750 19.1 0.750 N/A N/A 23.3 0.917 76.2 3.000 HW-699254-5-9 5,000 1 69.9 2.750 25.4 1.000 N/A N/A 28.6 1.125 76.2 3.000 HW-762381-2.5-9 2,500 1 76.2 3.000 38.1 1.500 N/A N/A 41.3 1.625 82.3 3.240 HW-762508-2.5-9 2,500 1 76.2 3.000 50.8 2.000 N/A N/A 54.0 2.125 82.6 3.240 HW-762127-1-9 1,000 1 76.2 3.000 127.0 5.000 N/A N/A 129.5 5.100 79.4 3.130 HW-101508-2.5-9 2,500 1 101.6 4.000 50.8 2.000 N/A N/A 54.6 2.150 104.1 4.100 HW-101635-2.5-9 2,500 1 101.6 4.000 63.5 2.500 N/A N/A 66.7 2.625 107.7 4.240 HW-101762-1.8-9 1,800 1 101.6 4.000 76.2 3.000 N/A N/A 79.4 3.125 104.1 4.100 HW-101101-1.3-9 1,300 1 101.6 4.000 101.6 4.000 N/A N/A 104.8 4.125 104.1 4.100 HW-101165-0.85-9 850 1 101.6 4.000 165.1 6.500 N/A N/A 168.3 6.680 104.9 4.130 ** N NO OT TE E:: S Stta an nd da arrd d F Fo orrm ma att N No ott C Co om mp pa attiib blle e w wiitth h T T2 20 00 0 P Prriin ntte errss |
Numéro de pièce similaire - M-394064-10-8A |
|
Description similaire - M-394064-10-8A |