Moteur de recherche de fiches techniques de composants électroniques |
|
M-254095-10-8A Fiches technique(PDF) 2 Page - Tyco Electronics |
|
M-254095-10-8A Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 48 page Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Label format - Old format order code cross reference Thermal Transfer XX = Insert material code from table below. # = Insert color code from table below right. Old label format New product order code 100 TTP400XX-10 101 XX-381064-10-# 102 XX-381191-5-# 103 XX-699254-5-# 104 XX-762508-2.5-# 105 XX-191064-10-# 106 XX-101165-0.85-# 107 XX-254127-10-# 108 XX-064064-25-# 109 XX-165051-25-# 110 XX-254097-10-# 111 XX-318064-10-# 112 XX-508064-10-# 114 XX508127-10-# 115 XX-254254-10-# 116 XX-095095-10-# 117 XX-508318-2.5-# 118 XX-762381-2.5-# 119 XX-101635-2.5-# 121 XX-523841-1.5-# 122 XX-127111-10-# 123 XX-508254-5-# 124 XX-508508-3-# 125 XX-101508-2.5-# 126 XX-101762-1.8-# 127 XX-101101-1.3-# 128 XX-762127-1-# 129 XX-229064-10-# 130 XX-203127-10-# 132 XX-381020-10-# 134 XX-165051-25-# 136 XX-040040-25-# 137 XX-114040-25-# Old label format New product order code 138 XX-080080-10-# 139 XX-178095-10-# 201 XX-381064-10-# 205 XX-191064-10-# 214 XX-508127-10-# 230 XX-203127-10-# 901 XX-127032-10-# 902 XX-040033-10-# 903 XX-254045-10-# 904 XX-089047-10-# 905 XX-305047-10-# 906 XX-445064-10-# 907 XX-254064-10-# 908 XX-095080-25-# 909 XX-208086-5-# 911 XX-508095-5-# 912 XX-318097-10-# 913 XX-165102-10-# 914 XX-445102-5-# 916 XX-127127-10-# 917 XX-381127-5-# 918 XX-222159-15-# 919 XX-171171-10-# 920 XX-478175-5-# 921 XX-699191-5-# 922 XX-406254-1.5-# 923 XX-250381-10-# 924 XX-381381-2.5-# 925 XX-610419-2.5-# 926 XX-445445-2-# 927 XX-381635-5-# 928 XX-191762-5-# Old label format New product order code 1 X-165051-10-# 3 X-191064-10-# 4 X-203127-10-# 5 X-254095-10-# 6A X-508095-5-# 7 X-254127-10-# 8 X-381191-10-# 11 X-699254-2.5-# 12 X-920381-2.5-# 13 X-920254-2.5-# 16 X-203365-10-# 17 X-076191-10-# B2 X-533064-5-# B4 X-229064-10-# B6 X-394064-10-# E X-203064-10-# L1 X-080080-10-# M X-381064-10-S1-9 L2 X-064064-10-# L3 X-095095-10-# R1 X-508254-4-# R2 X-673254-3-# R3 X-508318-3-# R4 X-673349-3-# R5 X-762508-1-# R7 X-165101-1-# V1 X-127111-10-# Y3 X-215055-10-# Y5 X-115064-10-# Y6 X-154064-10-# Y7 X-293064-10-# Y8 X-711064-5-# Y9 X-121064-10-# Y10 X-102070-10-# Y12 X-159079-10-# Y13 X-533114-5-# Y14 X-572286-2.5-# Y15 X-699318-2.5-# Thermal transfer Dot matrix X = Insert material code from table below left. # = Insert color code from table below. Examples Old part number New part number Thermal transfer 101-T1K-10 T1K-381064-10-9 Dot matrix 3-EW10F E-191064-10-9 Material codes – thermal transfer labels CP = Clear polyester PVF = Polyvinylfluoride (Tedlar ®) EP = Paper T1K = Standard polyimide (Kapton ®) 1 mil HM = High tack metalized polyester T1K = Standard polyimide (Kapton ®) 1 mil HMM = High tack matte metalized T2K = High-performance polyimide (Kapton ®) 2 mil HW = High tack white polyester T2Y = Modified polyimide KTT = Tan polyimide (Kapton ®) TN = Tamper-proof polyethylene MP = Metalized polyester TSK = Static-safe polyimide (Kapton ®) MV = Tamper-evident metalized polyester WP = White polyester NC = Nylon cloth WV = White vinyl Material codes – dot matrix labels C = Vinyl cloth K = Tan polyimide (Kapton ®) E = White polyester M = Metalized polyester Color codes 0 = Black 8 = Gray 1 = Brown 9 = White 2 = Red X = Clear 3 = Orange 1A = Tan 4 = Yellow 2L = Pink 5 = Green 8A = Silver 6 = Blue 7 = Violet 87 |
Numéro de pièce similaire - M-254095-10-8A |
|
Description similaire - M-254095-10-8A |