Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-12-0974 Fiches technique(PDF) 3 Page - FCI connector

No de pièce GS-12-0974
Description  TRX10GDP0310C1 (SFP LR Module)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI-CONNECTOR [FCI connector]
Site Internet  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0974 Fiches technique(HTML) 3 Page - FCI connector

  GS-12-0974 Datasheet HTML 1Page - FCI connector GS-12-0974 Datasheet HTML 2Page - FCI connector GS-12-0974 Datasheet HTML 3Page - FCI connector GS-12-0974 Datasheet HTML 4Page - FCI connector GS-12-0974 Datasheet HTML 5Page - FCI connector GS-12-0974 Datasheet HTML 6Page - FCI connector GS-12-0974 Datasheet HTML 7Page - FCI connector GS-12-0974 Datasheet HTML 8Page - FCI connector GS-12-0974 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NUMBER
GS-12-0974
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDP0310C1 (SFP+ LR Module)
3 of 14
A
AUTHORIZED BY
DATE
J. Blank
11 July 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
Functional Description
The transmit path is based on an AC coupled 100 ohm differentially terminated driver coupled to a 1310 nm
DFB laser. Laser output may be disabled by pulling the transmitter disable (TX_DIS) line high which is its
default state when leaving the input floating due to an internal pull-up resistor. A fault condition is raised
upon detection of an abnormal laser state.
The receive path consists of a receiver optical sub-assembly (ROSA) for optical to electrical conversion,
followed by a limiting amplifier boosting the electrical signal. A loss of signal (LOS) status line provides
information to facilitate easy link detection.
Complete digital optical monitoring is implemented in compliance to SFF-8472 and made accessible via the
2-wire interface providing real time information about all important module parameters and status
information.
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


Numéro de pièce similaire - GS-12-0974

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Description similaire - GS-12-0974

FabricantNo de pièceFiches techniqueDescription
logo
ATGBICS by Approved Tec...
SFP+KT-LR-C ATGBICS-SFP+KT-LR-C Datasheet
366Kb / 10P
   SFPKT-LR NetOptics Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-C ATGBICS-SFP-10G-LR-C Datasheet
570Kb / 10P
   SFP-10G-LR Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
10G-SFP-LR-C ATGBICS-10G-SFP-LR-C Datasheet
366Kb / 10P
   10G-SFP-LR Myricom Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AL-SFP-10G-LR-C ATGBICS-AL-SFP-10G-LR-C Datasheet
570Kb / 10P
   AL-SFP-10G-LR Alcatel Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AR-SFP-10G-LR-C ATGBICS-AR-SFP-10G-LR-C Datasheet
570Kb / 10P
   AR-SFP-10G-LR Arista Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
EX-SFP-10GE-LR-C ATGBICS-EX-SFP-10GE-LR-C Datasheet
367Kb / 10P
   EX-SFP-10GE-LR Juniper Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AHCC-SFP-10G-LR-C ATGBICS-AHCC-SFP-10G-LR-C Datasheet
570Kb / 10P
   AHCC-SFP-10G-LR Aerohive Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
AXSK-SFP+LR-C ATGBICS-AXSK-SFP+LR-C Datasheet
569Kb / 10P
   AXSK-SFPLR A10 Networks Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
FN-TRAN-SFP+LR-C ATGBICS-FN-TRAN-SFP+LR-C Datasheet
570Kb / 10P
   FN-TRAN-SFPLR Fortinet Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
SFP-10G-LR-S-C ATGBICS-SFP-10G-LR-S-C Datasheet
570Kb / 10P
   SFP-10G-LR-S Cisco Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com