Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-12-452 Fiches technique(PDF) 5 Page - FCI connector

No de pièce GS-12-452
Description  ZipLine Connector System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI-CONNECTOR [FCI connector]
Site Internet  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-452 Fiches technique(HTML) 5 Page - FCI connector

  GS-12-452 Datasheet HTML 1Page - FCI connector GS-12-452 Datasheet HTML 2Page - FCI connector GS-12-452 Datasheet HTML 3Page - FCI connector GS-12-452 Datasheet HTML 4Page - FCI connector GS-12-452 Datasheet HTML 5Page - FCI connector GS-12-452 Datasheet HTML 6Page - FCI connector GS-12-452 Datasheet HTML 7Page - FCI connector GS-12-452 Datasheet HTML 8Page - FCI connector GS-12-452 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NUMBER
GS-12-452
TYPE
PRODUCT SPECIFCATION
TITLE
PAGE
REVISION
5 of 13
C
AUTHORIZED BY
DATE
ZipLineTM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
5.4
Current Rating (signal and power IMLA’s to be tested separately)
5.4.1
General Criteria
Test Specification: EIA 364-70
Ambient Temperature: 25˚C
Airflow: None (still-air)
5.4.2
Signal Contacts
The metal organizer must be removed for all signal contact measurements because
several positions are shorted together by the metal organizer.
Measure temperature versus applied current
All contacts powered
Thermocouple attachment: Mechanically attached to the base of the receptacle mating beams.
Thermocouple location: One thermocouple on a central position on each of the two middle
columns (two thermocouples per tested assembly)
Copper trace weight: 1oz on one external layer, connector side.
The temperature-rise above ambient shall not exceed 30˚C at 0.25A per contact for backpanel
and orthogonal configurations, and 0.20A per contact for coplanar configurations.
5.4.3
Power Contacts
The metal organizer is to remain assembled for power contact evaluation. There is no
shorting between power contacts and the metal organizer.
Measure temperature versus applied current
Powered contact configurations to be qualified are represented in the supporting table.
Thermocouple attachment: Mechanically attached to the base of the receptacle mating beams.
Thermocouple location: One thermocouple on a central position of each column tested.
Columns with thermocouples are noted in the supporting table
Copper trace weight: 2oz on one external layer, opposite connector side.
The temperature-rise above ambient shall not exceed 30˚C at the current levels noted in the
supporting table. Actual output curves shall be plotted up to 50˚C T-rise.
TEST CONFIGURATIONS
Total number of columns in test sample: 12
Number of power contacts within each column: 6
IMLA Columns
Fully Powered
Columns with
Thermocouples
Current Rating Per
Contact
Current Rating Per
Column
#1
#1
6.00A
36.0A
#1, #2
#1, #2
4.50A
27.0A
All
#6, #7
2.25A
13.5A
Current-rating per column drops as the number of adjacent powered columns increases. This is
due to the cumulative heating effect of multiple columns powered in still-air test conditions.
PDM: Rev:C
Released
.
STATUS:
Printed: Nov 28, 2010


Numéro de pièce similaire - GS-12-452

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
GS-12-497 FCI-CONNECTOR-GS-12-497 Datasheet
269Kb / 8P
   SD CARD CONNECTOR
More results

Description similaire - GS-12-452

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com