Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS-12-006 Fiches technique(PDF) 6 Page - FCI connector

No de pièce GS-12-006
Description  Conan??Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FCI-CONNECTOR [FCI connector]
Site Internet  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-006 Fiches technique(HTML) 6 Page - FCI connector

Back Button GS-12-006 Datasheet HTML 2Page - FCI connector GS-12-006 Datasheet HTML 3Page - FCI connector GS-12-006 Datasheet HTML 4Page - FCI connector GS-12-006 Datasheet HTML 5Page - FCI connector GS-12-006 Datasheet HTML 6Page - FCI connector GS-12-006 Datasheet HTML 7Page - FCI connector GS-12-006 Datasheet HTML 8Page - FCI connector GS-12-006 Datasheet HTML 9Page - FCI connector GS-12-006 Datasheet HTML 10Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
6 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
The contact normal force shall not be less than 75 grams when tested in accordance with BUS-03-
404 Section 3.2 (probe method). Refer to Figure 2.0. The following process shall be used:
7.4.1
Solder the receptacle and header connectors to a printed circuit board.
7.4.2
Select the receptacle terminal positions to be measured.
7.4.3
Measure the maximum terminal gap between the selected positions and the opposite row
of terminals in the receptacle connector.
7.4.4
Measure the minimum width across the selected positions and the opposite row of
terminals of the header connector.
7.4.5
Using an "L" shaped probe, Lab Fixture Number MF149, Figure 2, deflect the contact
positions on the instron tester.
7.4.6
The minimum beam deflection occurs on the long row of terminals. Calculate the
minimum beam deflection as follows:
V = Minimum width across the header terminals.
W = Maximum gap between receptacle terminals.
Z = Deflection of terminals in the long row.
A = Number of terminals in the short row.
B = Number of terminals in the long row.
A*(V-W)
Minimum deflection (Z) = ------------
(A+B)
7.4.7
Starting at the bottom of the force-deflection curve where the terminal begins to deflect,
move up the curve a distance equal to the minimum deflection, Z, to find the minimum
normal force. Measure a minimum of 5 contacts per connector.
7.5
BOARD RETENTION
The force to remove the header and receptacle connectors from a P.C. board shall be no less than
10 lbs. when both the hold-downs and the terminal leads are soldered in place. The crosshead
speed shall be no greater than 0.2 inches per minute.
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Numéro de pièce similaire - GS-12-006

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
GS-12-008 FCI-CONNECTOR-GS-12-008 Datasheet
164Kb / 10P
   LOW PROFILE VERTICAL CARD CONNECTOR
More results

Description similaire - GS-12-006

FabricantNo de pièceFiches techniqueDescription
logo
FCI connector
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
logo
Tyco Electronics
215460-4 MACOM-215460-4 Datasheet
4Mb / 18P
   AMP Micro-Match Miniature Connector System
logo
FCI connector
91900 FCI-CONNECTOR-91900 Datasheet
451Kb / 7P
   CONAN CONNECTOR ASSEMBLY
91911-21451LF FCI-CONNECTOR-91911-21451LF Datasheet
411Kb / 7P
   CONAN CONNECTOR ASSEMBLY
91931-31125LF FCI-CONNECTOR-91931-31125LF Datasheet
440Kb / 7P
   CONAN CONNECTOR ASSEMBLY
logo
Adam Technologies, Inc.
DE09-SG-22 ADAM-TECH-DE09-SG-22 Datasheet
89Kb / 1P
   MICRO MINIATURE CONNECTOR
DB25-SG-22 ADAM-TECH-DB25-SG-22 Datasheet
87Kb / 1P
   MICRO MINIATURE CONNECTOR
logo
Nel Frequency Controls,...
OC-X87XXXXX NEL-OC-X87XXXXX Datasheet
43Kb / 3P
   Micro-miniature OCXO
logo
ECM Electronics Limited...
VFT8 ECM-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
logo
List of Unclassifed Man...
VFT8 ETC1-VFT8 Datasheet
180Kb / 1P
   Micro Miniature OCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com