Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

Q1354827A Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce Q1354827A
Description  D Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Q1354827A Fiches technique(HTML) 5 Page - Vishay Siliconix

  Q1354827A Datasheet HTML 1Page - Vishay Siliconix Q1354827A Datasheet HTML 2Page - Vishay Siliconix Q1354827A Datasheet HTML 3Page - Vishay Siliconix Q1354827A Datasheet HTML 4Page - Vishay Siliconix Q1354827A Datasheet HTML 5Page - Vishay Siliconix Q1354827A Datasheet HTML 6Page - Vishay Siliconix Q1354827A Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28511
32
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
Notes
(1) Cumulative pitch error: ±
≤ 1mm/20 pitches
(2) Obliquity maximum 3°
ΔP
ΔP
Δh
Δh
D
P
2
P
P
1
P
0
D
0
H1
H
0
Direction of unreeling
Ø d
F
W
2
W
1
t
1
W
0
W
e
A
Kinked capacitors on tape, lead spacing 5.0 mm (0.2")
detail A
DIMENSION OF TAPE
SYMBOL
PARAMETER
DIMENSIONS (mm)
NOMINAL
TOLERANCE
D
Body diameter
11.0 maximum
-
d
Lead diameter
0.6
± 0.05
P
Pitch between capacitors
12.7
± 1.0
P0 (1)
Feed-hole pitch
12.7
± 0.3 (1)
ΔP
Plane deviation
1.0 maximum
-
P1 (2)
Feed-hole center to lead center
3.85
± 0.7; (2)
P2 (2)
Feed-hole center to component center
6.35
± 1.3; (2)
F
Lead spacing
5.0
0.6
- 0.4
Δh
Component alignment
0
± 1.0
W
Tape width
18.0
1.0
- 0.5
W0
Hold-down tape width
5.0 minimum
-
W1
Hole position
9.0
0.75
- 0.5
W2
Hold-down tape margin
3.0 maximum
-
H0
Height to seating plane
16.0
± 0.5
H1
Maximum component height
32.0
-
e
Lead end protrusion
1.0 maximum
-
L
Maximum length of snipped lead
11.0
-
D0
Feed-hole diameter
4.0
± 0.2
t
Total tape thickness
0.9 maximum
-
t1
Maximum thickness of tape and wires
1.5 maximum
-


Numéro de pièce similaire - Q1354827A

FabricantNo de pièceFiches techniqueDescription
logo
Jauch Quartz Gmbh
Q13.0-JXE42-12-20 JAUCH-Q13.0-JXE42-12-20 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-12-30 JAUCH-Q13.0-JXE42-12-30 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-13-20 JAUCH-Q13.0-JXE42-13-20 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-13-30 JAUCH-Q13.0-JXE42-13-30 Datasheet
70Kb / 2P
   Quartz Crystal
Q13.0-JXE42-14-20 JAUCH-Q13.0-JXE42-14-20 Datasheet
70Kb / 2P
   Quartz Crystal
More results

Description similaire - Q1354827A

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
D100J20C0GL6 VISHAY-D100J20C0GL6 Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com