Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D00409-000 Fiches technique(PDF) 5 Page - Tyco Electronics

No de pièce D00409-000
Description  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

D00409-000 Fiches technique(HTML) 5 Page - Tyco Electronics

  D00409-000 Datasheet HTML 1Page - Tyco Electronics D00409-000 Datasheet HTML 2Page - Tyco Electronics D00409-000 Datasheet HTML 3Page - Tyco Electronics D00409-000 Datasheet HTML 4Page - Tyco Electronics D00409-000 Datasheet HTML 5Page - Tyco Electronics D00409-000 Datasheet HTML 6Page - Tyco Electronics D00409-000 Datasheet HTML 7Page - Tyco Electronics D00409-000 Datasheet HTML 8Page - Tyco Electronics D00409-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
1-113
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
1
SFR
Very Flexible,
Flame-Retardant,
Silicone Elastomer
Tubing
Product Facts
I
Outstanding low-temperature
flexibility
I
Resistance to hydraulic fluids,
fuel, and lubricating oil
I
Very good ablative
characteristics: when
exposed to flame, surface
turns to insulative char or
“ablates”
I
RoHS compliant
Applications
Provides cable jacketing,
harness protection, and
strain relief for electronic
components, semi-
conductor leads, and
wire splices. Suitable for
applications that require
flexibility over a wide range
of operating temperatures.
Installation
Minimum shrink
temperature: 135°C [285°F]
Minimum full recovery
temperature: 175°C [347°F]
Operating Temperature Range
-75°C to 180°C
[-103°F to 356°F]
Specifications/Approvals
Series
Military
Raychem
SFR
AMS-DTL-23053/10*
RT-1140
MIL-PRF-46846, Type II, Class 1
*Formerly MIL-I-23053/10 and MIL-DTL-23053/10.
Available in:
Americas
Europe
Asia Pacific
II
I


Numéro de pièce similaire - D00409-000

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
D00409-000 MACOM-D00409-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
More results

Description similaire - D00409-000

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
D76139-000 MACOM-D76139-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com