Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13892JVL Fiches technique(PDF) 11 Page - Freescale Semiconductor, Inc

No de pièce MC13892JVL
Description  Power Management Integrated
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892JVL Fiches technique(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13892JVL Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13892JVL Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 158 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
MC13892
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Charger and USB Input Voltage(5)
VCHRGR
-0.3 to 20
V
MODE pin Voltage
VMODE
-0.3 to 9.0
V
Main/Aux/Keypad Current Sink Voltage
VLEDMD,
VLEDAD,
VLEDKP
-0.3 to 28
V
Battery Voltage
VBATT
-0.3 to 4.8
V
Coin Cell Voltage
VLICELL
-0.3 to 3.6
V
ESD Voltage(6)
Human Body Model - HBM with Mode pin excluded(9)
Charge Device Model - CDM
VESD
±1500
±250
V
THERMAL RATINGS
Ambient Operating Temperature Range
TA
-40 to +85
°C
Operating Junction Temperature Range
TJ
-40 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
THERMAL RESISTANCE
Peak Package Reflow Temperature During Reflow(7), (8)
TPPRT
Note 8
°C
Notes
5.
USB Input Voltage applies to UVBUS pin only
6.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500
Ω) and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
7.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
8.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
9.
Mode Pin is not ESD protected.
Table 4. Dissipation Ratings
Rating Parameter
Condition
Symbol
VK Package
VL Package
Unit
Junction to Ambient Natural Convection
Single layer board (1s)
RθJA
104
65
°C/W
Junction to Ambient Natural Convection
Four layer board (2s2p)
RθJMA
54
42
°C/W
Junction to Ambient (@200 ft/min)
Single layer board (1s)
RθJMA
88
55
°C/W
Junction to Ambient (@200 ft/min)
Four layer board (2s2p)
RθJMA
49
38
°C/W
Junction to Board
RθJB
32
28
°C/W
Junction to Case
RθJC
29
22
°C/W
Junction to Package Top
Natural Convection
θJT
7.0
5.0
°C/W


Numéro de pièce similaire - MC13892JVL

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13892JVL FREESCALE-MC13892JVL Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892JVL FREESCALE-MC13892JVL Datasheet
5Mb / 156P
   Power Management and User Interface IC
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
   Power Management Integrated Circuit (PMIC) for the i.MX35/51
More results

Description similaire - MC13892JVL

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD71837AMWV ROHM-BD71837AMWV Datasheet
1Mb / 129P
   Power Management Integrated Circuit
16.Mar.2020 Rev.003
BD71837MWV ROHM-BD71837MWV Datasheet
3Mb / 131P
   Power Management Integrated Circuit
BD71850MWV ROHM-BD71850MWV Datasheet
1Mb / 119P
   Power Management Integrated Circuit
16.Mar.2020 Rev.002
BD71847AMWV ROHM-BD71847AMWV Datasheet
3Mb / 120P
   Power Management Integrated Circuit
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
[Old version datasheet]   Integrated Power Management/Audio Codec
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
logo
Texas Instruments
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
Motorola, Inc
MC13181 MOTOROLA-MC13181 Datasheet
213Kb / 18P
   Wireless Power Management Integrated Circuit
logo
Texas Instruments
TPS65950A2ZXN TI-TPS65950A2ZXN Datasheet
1Mb / 171P
[Old version datasheet]   Integrated Power Management/Audio Codec
TPS65951 TI1-TPS65951 Datasheet
1Mb / 170P
[Old version datasheet]   Integrated Power Management/Audio Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com