Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5931-65 Fiches technique(PDF) 4 Page - Siemens Semiconductor Group

No de pièce TDA5931-65
Description  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5931-65 Fiches technique(HTML) 4 Page - Siemens Semiconductor Group

  TDA5931-65 Datasheet HTML 1Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 2Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Semiconductor Group
34
TDA 5931-65
Absolute Maximum Ratings
TA = 0 to 70 °C
All voltage values are referenced to ground, if not stated otherwise.
The current are identified according to the source/sink principle. If the
IC considered a sink (the
current flows from the respective pin to ground), it is identified by a negative algebraic sign.
However, if the
IC is the source (the current flows from VB via the respective pin to ground), it is
identified by a positive algebraic sign.
Parameter
Symbol
Limit Values
Unit
min.
max.
Sound trap input
V7
3.3
8.5
V
Demodulator output
V9
0
V5
V
Demodulator output
I9
– 3
10
mA
Supply voltage
V5
0
13.2
V
SCART A/W
V2
06V
Pos. video output
I6
– 3
5
mA
Pos. video output
V6
0
8.5
V
Demodulator tank circuit
V10/V11
0
V5
V
SCART OUT
I4
– 3
5
mA
SCART OUT
V4
0
V5
V
Tuner AGC threshold
V14
06V
Tuner AGC output
V15
010
V
IF input
V1/V18
06V
IF control
V16
0
8.5
V
Norm switch-over
V12
06V
Norm switch-over
V13
06V
SCART IN
V3
06V
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
– 40
125
˚C
Thermal resistance (system-air)
Tth SA
70
K/W
Operating Range
Supply voltage
V5
10.8
13.2
V
Supply voltage delayed tuner AGC
V15
1.5
13.2
V
Ambient temperature during operation
TA
070
˚C
Input frequency range – 3 dB
fIF
10
100
MHz
Input frequency range – 0.3 dB
fIF
30
75
MHz


Numéro de pièce similaire - TDA5931-65

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
More results

Description similaire - TDA5931-65

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com