Moteur de recherche de fiches techniques de composants électroniques |
|
MC13892CJVL Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MC13892CJVL Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 158 page Analog Integrated Circuit Device Data Freescale Semiconductor 7 MC13892 PIN CONNECTIONS D1 D1 VUSB 3.6 Output USB Supply USB transceiver regulator output D2 C1 VSD 3.6 Output SD Card Supply Output regulator SD card D4 C3 SWBSTFB 3.6 Input Switcher Boost Feedback Switcher BST feedback D5 D7 LEDMD 28 Input LED Driver Main display backlight LED current sink driver D6 B7 DVS1 3.6 Input Dynamic Voltage Scaling Control 1 Switcher 1DVS input pin D7 B8 REFCORE 3.6 Output Core Reference Main bandgap reference D8 B10 CHRGSE1B 3.6 Input Charger Select Charger forced SE1 detection input D9 C10 LICELL 3.6 I/O Coin Cell Connection 1. Coin cell supply input 2. Coin cell charger output D10 C11 BATTFET 4.8 Output Battery FET Connection Driver output for battery path FET M3 D12 C12 BPSNS 4.8 Input Battery Plus Sense 1. BP sense point 2. Charge current sensing point 2 D13 D11 PWRON1 3.6 Input Power On 1 Power on/off button connection 1 E1 E1 UVBUS 20 I/O USB Bus 1. USB transceiver cable interface 2. VBUS & OTG supply output E2 D2 VPLL 3.6 Output Voltage Supply for PLL Output regulator processor PLL E4 C5 LEDG 7.5 Input PWM Driver for Green LED General purpose LED current sink driver Green E5 D6 GNDLED – Ground LED Ground Ground for LED drivers E6 B6 UID 5.5 Input USB ID USB OTG transceiver cable ID E7 C8 PUMS2 3.6 Input Power Up Mode Select 2 Power up mode supply setting 2 E8 B12 GNDCHRG – Ground Charger Ground Ground for charger interface E9 D10 CHRGLED 20 Output Charger LED Trickle LED driver output 1 E10 E11 PWRON2 3.6 Input Power On 2 Power on/off button connection 2 E11 D13 ADTRIG 3.6 Input ADC Trigger ADC trigger input E12 E13 INT 3.6 Output Interrupt Signal Interrupt to processor E13 G13, G14 GNDSW1 – Ground Switcher 1 Ground Ground for switcher 1 F1 G1, G2 GNDSW3 – Ground Switcher 3 Ground Ground for switcher 3 F2 F2 VBUSEN 3.6 Input VBUS Enable External VBUS enable pin for OTG supply F4 G3 SW3FB 3.6 Input Switcher 3 Feedback Switcher 3 feedback F5 C7 LEDAD 28 Input Auxiliary Display LED Auxiliary display backlight LED sinking current driver F6 A6, B3, B4, D3, D4, E4, E5, E6 GNDSUB1 – Ground Ground 1 Non critical signal ground and thermal heat sink Table 2. MC13892 Pin Definitions (continued) A functional description of each pin can be found in the Functional Description. Pin Number on the 13982VK 7x7 mm Pin Number on the 13982VL 12x12 mm Pin Name Rating (V) Pin Function Formal Name Definition |
Numéro de pièce similaire - MC13892CJVL |
|
Description similaire - MC13892CJVL |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |