Moteur de recherche de fiches techniques de composants électroniques |
|
U-QFN4040-20 Fiches technique(PDF) 10 Page - Diodes Incorporated |
|
U-QFN4040-20 Fiches technique(HTML) 10 Page - Diodes Incorporated |
10 / 27 page ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 10 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated U-DFN3030-8 Type E Dimensions Value (in mm) C 0.65 C1 2.35 X 0.30 Y 0.65 Y1 1.60 Y2 2.75 U-DFN3030-10 U-DFN3030-12 Dimensions Value (in mm) Z 2.60 G 0.15 X 1.80 X1 0.60 Y 0.30 C 0.50 Dimensions Value (in mm) Z 2.60 G 0.15 X 1.80 X1 0.60 Y 0.28 C 0.45 U-DFN3030-14 Dimensions Value (in mm) C 0.400 X 0.250 X1 2.350 X2 2.650 Y 0.600 Y1 1.750 Y2 3.400 Y (x8) X (x8) C C1 Y1 Y2 C Y Z X X1 G G C Y Z X X1 G G Pin1 X2 X1 Y1 C X (14x) Y2 Y (14x) |
Numéro de pièce similaire - U-QFN4040-20 |
|
Description similaire - U-QFN4040-20 |