Moteur de recherche de fiches techniques de composants électroniques |
|
U-QFN3030-16 Fiches technique(PDF) 9 Page - Diodes Incorporated |
|
U-QFN3030-16 Fiches technique(HTML) 9 Page - Diodes Incorporated |
9 / 27 page ALL DIMENSIONS ARE NOMINAL VALUES SHOWN IN MILLIMETERS Note: The suggested land pattern dimensions have been provided for reference only, as actual pad layouts may vary depending on application. These numbers may be modified based on user equipment capability or fabrication criteria. A more robust pattern may be desired for wave soldering and is calculated by adding 0.2 mm to the ‘Z’ dimension. For further information, please reference document IPC-7351A, Naming Convention for Standard SMT Land Patterns, and for International grid details, please see document IEC, Publication 97. AP02001 Rev. 52 9 of 27 www.diodes.com Suggested Pad Layout © Diodes Incorporated U-DFN3020-8 Type M Dimensions Value (in mm) C 0.650 X 0.400 X1 0.600 X2 1.320 X3 1.200 X4 0.200 X5 2.750 Y 0.750 Y1 0.550 Y2 0.680 Y3 0.450 Y4 0.430 Y5 2.400 Y6 0.250 U-DFN3020-10 Dimensions Value (in mm) C 0.650 G 0.150 G1 0.600 X 0.300 X1 0.350 X2 2.800 Y 0.500 Y1 1.000 Y2 2.300 U-DFN3030-4 U-DFN3030-8 Dimensions Value (in mm) C 1.300 G1 0.100 G2 0.150 G3 0.830 G4 0.115 G5 0.135 G6 0.170 G7 0.500 G8 0.500 R 0.150 X 0.500 X1 1.375 X2 1.225 X3 1.175 Y 1.980 Y1 1.015 Y2 0.715 Y3 0.650 Dimensions Value (in mm) Z 2.59 G 0.11 X1 2.49 X2 0.65 Y 0.39 C 0.65 Pin1 X (8x) C X5 Y3 Y4 Y6 Y (4x) Y5 Y1 (2x) X3 X2 X4 Y2 X1 (2x) X2 Y2 C X Y X1 Y1 G G1 Y X (4x) C Y3 (2x) Y2 Y1 G1 G3 G4 R G7 G8 X3 G5 X1 X2 G2 G6 Z G X1 X2 YC |
Numéro de pièce similaire - U-QFN3030-16 |
|
Description similaire - U-QFN3030-16 |