Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA2465G Fiches technique(PDF) 11 Page - Siemens Semiconductor Group

No de pièce TCA2465G
Description  Dual Power Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA2465G Fiches technique(HTML) 11 Page - Siemens Semiconductor Group

Back Button TCA2465G Datasheet HTML 7Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 8Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 9Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 10Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 11Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 12Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 13Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 14Page - Siemens Semiconductor Group TCA2465G Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TCA 2465
Semiconductor Group
11
1998-02-01
Figure 8
Open-Loop Voltage Gain
G
VO (TCA 2465 G)
Figure 9
Common Mode Voltage Gain
G
VC
Common-Mode Rejection
k
CMR (dB) = GVO (dB) – GVC (dB) (TCA 2465 G)
IES01371
11, 10
220 nF
1
20
8.2
~
~
+
-
V
Q
S
V
V
S
V
Q
= 20 x log (101 x
/
(
G
V0
VΙ ( (
= 100 Hz
f
100 k
100
10
10 k
10 k
=
10 k
VΙ
IES01372
11, 10
220 nF
1
20
8.2
~
~
+
-
V
Q
S
V
V
S
= 100 Hz
f
10
4.7 k
100
=


Numéro de pièce similaire - TCA2465G

FabricantNo de pièceFiches techniqueDescription
logo
Tripath Technology Inc.
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
TCA2365 SIEMENS-TCA2365 Datasheet
266Kb / 10P
   DUAL POWER OPERATIOANAL AMPLIFIER
TCA2365A SIEMENS-TCA2365A Datasheet
266Kb / 10P
   DUAL POWER OPERATIOANAL AMPLIFIER
logo
NXP Semiconductors
TCA270S PHILIPS-TCA270S Datasheet
270Kb / 8P
   TELEVISION SIGNAL PROCESSING CIRCUIT
January 1980
More results

Description similaire - TCA2465G

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
L272 FAIRCHILD-L272 Datasheet
78Kb / 10P
   Dual Power Operational Amplifier
logo
ON Semiconductor
NCS5652 ONSEMI-NCS5652 Datasheet
317Kb / 13P
   Dual Power Operational Amplifier
June, 2015 ??Rev. 1
logo
Sanyo Semicon Device
LA6510_0611 SANYO-LA6510_0611 Datasheet
201Kb / 6P
   Dual Power Operational Amplifier
logo
Samsung semiconductor
KA9256 SAMSUNG-KA9256 Datasheet
80Kb / 2P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
STMicroelectronics
LM272M STMICROELECTRONICS-LM272M Datasheet
111Kb / 10P
   DUAL POWER OPERATIONAL AMPLIFIER
January 1995
logo
Fairchild Semiconductor
KA334 FAIRCHILD-KA334 Datasheet
36Kb / 8P
   Dual Power Operational Amplifier
logo
Toshiba Semiconductor
TA8406P TOSHIBA-TA8406P Datasheet
260Kb / 7P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8410P TOSHIBA-TA8410P Datasheet
281Kb / 8P
   DUAL POWER OPERATIONAL AMPLIFIER
TA8464K TOSHIBA-TA8464K Datasheet
202Kb / 5P
   DUAL POWER OPERATIONAL AMPLIFIER
logo
Motorola, Inc
TCA0372 MOTOROLA-TCA0372 Datasheet
158Kb / 8P
   Dual Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com