Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH51005A Fiches technique(PDF) 2 Page - Siemens Semiconductor Group

No de pièce STH51005A
Description  1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIEMENS [Siemens Semiconductor Group]
Site Internet  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STH51005A Fiches technique(HTML) 2 Page - Siemens Semiconductor Group

  STH51005A Datasheet HTML 1Page - Siemens Semiconductor Group STH51005A Datasheet HTML 2Page - Siemens Semiconductor Group STH51005A Datasheet HTML 3Page - Siemens Semiconductor Group STH51005A Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STH 51004X
STH 51005X
Semiconductor Group
2
Maximum Ratings (cont’d)
Parameter
Symbol
Values
Unit
Monitor Diode
Reverse voltage
VR max
10
V
Characteristics
All optical data refer to a coupled 10/125
µm SM fiber, TC = 25 °C.
Parameter
Symbol
Values
Unit
Laser Diode
Optical output power
Φe
> 2.4
mW
Emission wavelength center of range
Φe = 0.5 mW
λ
1280
… 1330 nm
Spectral bandwidth
Φe = 0.5 mW (RMS)
∆λ
< 5
nm
Threshold current (
− 40 … + 85 °C)
Ith
2
… 45
mA
Forward voltage
Φe = 0.5 mW
VF
< 1.5
V
Radiant power at threshold
Φeth
< 80
µW
Slope efficiency
η
40
… 160
mW/A
Differential series resistance
rS
< 8
Rise time/Fall time
tR, tF
< 1
ns
Monitor Diode
Dark current,
VR = 5 V, Φe = 0
IR
< 500
nA
Photo current,
Φe = 0.5 mW
IP
100
… 1000
µA


Numéro de pièce similaire - STH51005A

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
STH51002Z SIEMENS-STH51002Z Datasheet
43Kb / 3P
   1300nm Laser in Coaxial TO-Package
More results

Description similaire - STH51005A

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
STL81004X SIEMENS-STL81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51007X SIEMENS-STL51007X Datasheet
80Kb / 4P
   1300 nm Laser in Receptacle Package, Low Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STH51002Z SIEMENS-STH51002Z Datasheet
43Kb / 3P
   1300nm Laser in Coaxial TO-Package
STH81002Z SIEMENS-STH81002Z Datasheet
43Kb / 3P
   1550nm Laser in Coaxial TO-Package
logo
Agere Systems
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
   NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5305 HP-HFCT-5305 Datasheet
178Kb / 8P
   Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com