Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0001.2505.PT Fiches technique(PDF) 3 Page - Cherry Semiconductor Corporation

No de pièce 0001.2505.PT
Description  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0001.2505.PT Fiches technique(HTML) 3 Page - Cherry Semiconductor Corporation

  0001.2505.PT Datasheet HTML 1Page - Cherry Semiconductor Corporation 0001.2505.PT Datasheet HTML 2Page - Cherry Semiconductor Corporation 0001.2505.PT Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Non resettable fuses
SPT 5x20 Pigtail
www.schurter.com/pg0_2
Fuses
Time-Current-Curves
0.001
0.01
0.1
1
10
100
1000
10000
100000
1
10
≤ 0.8 A
1 – 3.15 A
4 – 10 A
_> 12.5 A
Multiple of Rated Current In
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Numéro de pièce similaire - 0001.2505.PT

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
0001.2505.PT SCHURTER-0001.2505.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
More results

Description similaire - 0001.2505.PT

FabricantNo de pièceFiches techniqueDescription
logo
Schurter Inc.
SPT5X20PIGTAIL SCHURTER-SPT5X20PIGTAIL Datasheet
285Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V01 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V02 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
SPT5X20 SCHURTER-SPT5X20 Datasheet
369Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
00012501 SCHURTER-00012501 Datasheet
370Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
SPT5X20 SCHURTER-SPT5X20_V01 Datasheet
385Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
08.02.2022
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL Datasheet
284Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
0001.1001.PT SCHURTER-0001.1001.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com