Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53014 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53014
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53014 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS53014 Datasheet HTML 4Page - Texas Instruments TPS53014 Datasheet HTML 5Page - Texas Instruments TPS53014 Datasheet HTML 6Page - Texas Instruments TPS53014 Datasheet HTML 7Page - Texas Instruments TPS53014 Datasheet HTML 8Page - Texas Instruments TPS53014 Datasheet HTML 9Page - Texas Instruments TPS53014 Datasheet HTML 10Page - Texas Instruments TPS53014 Datasheet HTML 11Page - Texas Instruments TPS53014 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
(
)
IN
OUT
OUT
TRIP
OCL
SW
IN
DS(ON)
V -V
V
V
I
=
×
+
2×L×f
V
R
æ
ö
ç
÷
ç
÷
è
ø
TPS53014
SLVSBF1 – MAY 2012
www.ti.com
OVER CURRENT PROTECTION
TPS53014 has a cycle-by-cycle over current limit feature. The over current limits the inductor valley current by
monitoring the voltage drop across the low-side MOSFET RDS(on) during the low-side driver on-time. If the
inductor current is larger than the over current limit (OCL), the TPS53014 delays the start of the next switching
cycle until the sensed inductor current falls below the OCL current. MOSFET RDS(on) current sensing is used to
provide an accuracy and cost effective solution without external devices. To program the OCL, a resister should
be connected between DRVL and PGND. The recommended values are given inTable 1.
Table 1. OCL Resistor Values
Resister Value ( k
Ω)
Vtrip (V)
6.8
0.050
11
0.087
18
0.125
27
0.174
39
0.224
56
0.274
75
0.336
IOCL is determined by Equation 3.
(3)
The trip voltage is set between 0.05V to 0.336V over all operational temperature, including the 4000ppm/°C
temperature slope compensation for the temperature dependency of the RDS(on). If the load current exceeds the
over-current limit, the voltage will begin to drop. If the over-current conditions continues the output voltage will fall
below the under voltage protection threshold and the TPS53014 will shut down.
OVER/UNDER VOLTAGE PROTECTION
TPS53014 monitors a resistor divided feedback voltage to detect over and under voltage. If the feedback voltage
is higher than 120% of the reference voltage, the OVP comparator output goes high and the circuit latches the
high-side MOSFET driver OFF and the low-side MOSFET driver ON.
When the feedback voltage is lower than 68% of the reference voltage, the UVP comparator output goes high
and an internal UVP delay counter begins counting. After 1ms, TPS53014 latches OFF both top and bottom
MOSFET drivers. This function is enabled approximately 1.7 x Tss after power-on. The OVP and UVP latch off is
reset when EN goes low.
UVLO PROTECTION
TPS53014 has under voltage lock out protection (UVLO) that monitors the voltage of VREG5 pin. When the
VREG5 voltage is lower than UVLO threshold voltage, the device is shut off. All output drivers are OFF. The
UVLO is non-latch protection.
THERMAL SHUTDOWN
TPS53014 monitors its temperature. If the temperature exceeds the threshold value (typically 150°C), the device
shuts off. When the temperature falls below the threshold, the IC starts again. When VIN starts up and VREG5
output voltage is below its nominal value, the thermal shutdown threshold is kept lower than 150°C. As long as
VIN rises, TJ must be kept less than 110°C.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS53014


Numéro de pièce similaire - TPS53014

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Description similaire - TPS53014

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com