Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2561ADRC Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS2561ADRC
Description  Dual Channel Precision Adjustable Current-Limited Power Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2561ADRC Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2561ADRC Datasheet HTML 1Page - Texas Instruments TPS2561ADRC Datasheet HTML 2Page - Texas Instruments TPS2561ADRC Datasheet HTML 3Page - Texas Instruments TPS2561ADRC Datasheet HTML 4Page - Texas Instruments TPS2561ADRC Datasheet HTML 5Page - Texas Instruments TPS2561ADRC Datasheet HTML 6Page - Texas Instruments TPS2561ADRC Datasheet HTML 7Page - Texas Instruments TPS2561ADRC Datasheet HTML 8Page - Texas Instruments TPS2561ADRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TPS2560A
TPS2561A
www.ti.com
SLVSB28
– DECEMBER 2011
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage, IN
2.5
6.5
V
VENx
TPS2560A
0
6.5
Enable voltage
V
VENx
TPS2561A
0
6.5
VIH
High-level input voltage on ENx or ENx
1.1
V
VIL
Low-level input voltage on ENx or ENx
0.66
IOUTx
Continuous output current per channel, OUTx
0
2.5
A
Continuous FAULTx sink current
0
10
mA
TJ
Operating virtual junction temperature
–40
125
°C
RILIM
Recommended resistor limit range
20
187
k
ELECTRICAL CHARACTERISTICS
over recommended operating conditions, V/ENx = 0 V, or VENx = VIN (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
TJ = 25 °C
44
50
Static drain-source on-state
rDS(on)
m
resistance per channel, IN to OUTx
–40 °C ≤TJ ≤125 °C
70
VIN = 6.5 V
2
3
4
tr
Rise time, output
VIN = 2.5 V
1
2
3
CLx = 1 μF, RLx = 100 Ω,
ms
(see Figure 2)
VIN = 6.5 V
0.6
0.8
1.0
tf
Fall time, output
VIN = 2.5 V
0.4
0.6
0.8
ENABLE INPUT EN OR EN
Enable pin turn on/off threshold
0.66
1.1
V
Hysteresis
55(2)
mV
IEN
Input current
VENx = 0 V or 6.5 V, V/ENx = 0 V or 6.5 V
–0.5
0.5
μA
ton
Turnon time
9
ms
CLx = 1 μF, RLx = 100 Ω, (see Figure 2)
toff
Turnoff time
6
ms
CURRENT LIMIT
OUTx connected to GND
RILIM = 24.3 kΩ±1%
2100
2300
2500
IOS
Current-limit (see Figure 4)
mA
OUT1 and OUT2 connected to GND
RILIM = 47.5 kΩ±1%
2100
2300
2500
tIOS
Response time to short circuit
VIN = 5.0 V (see Figure 3)
3.5(2)
μs
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
These parameters are provided for reference only, and do not constitute part of TI
's published specifications for purposes of TI's product
warranty.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2560A TPS2561A


Numéro de pièce similaire - TPS2561ADRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2561A TI1-TPS2561A Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Automotive Adjustable Current-Limited Power-Distribution Switches
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561AQDRCRQ1 TI1-TPS2561AQDRCRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
TPS2561AQDRCTQ1 TI1-TPS2561AQDRCTQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
More results

Description similaire - TPS2561ADRC

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2560 TI1-TPS2560_15 Datasheet
1Mb / 29P
[Old version datasheet]   Dual Channel Precision Adjustable Current-limited Power Switches
TPS2560 TI-TPS2560 Datasheet
895Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2560_1002 TI-TPS2560_1002 Datasheet
873Kb / 22P
[Old version datasheet]   DUAL CHANNEL PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
TPS2561A-Q1 TI1-TPS2561A-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Channel Precision Automotive Adjustable Current-Limited Power Switches
logo
Diodes Incorporated
AP22652 DIODES-AP22652 Datasheet
817Kb / 16P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
September 2021
logo
Texas Instruments
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
   PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
   Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com