Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS22912 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS22912
Description  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22912 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS22912 Datasheet HTML 6Page - Texas Instruments TPS22912 Datasheet HTML 7Page - Texas Instruments TPS22912 Datasheet HTML 8Page - Texas Instruments TPS22912 Datasheet HTML 9Page - Texas Instruments TPS22912 Datasheet HTML 10Page - Texas Instruments TPS22912 Datasheet HTML 11Page - Texas Instruments TPS22912 Datasheet HTML 12Page - Texas Instruments TPS22912 Datasheet HTML 13Page - Texas Instruments TPS22912 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
0
500
1000
1500
2000
2500
3000
−40
−15
10
35
60
85
Temperature (°C)
VIN = 1.5V, CL = 0.1 µF, RL = 10 Ohms
G000
0
1
2
3
4
5
6
7
8
9
10
−40
−15
10
35
60
85
Temperature (°C)
VIN =1.5V, CL = 0.1 µF, RL = 10 Ohms
G000
0
200
400
600
800
1000
1200
−40
−15
10
35
60
85
Temperature (°C)
VIN = 5.0V, CL = 0.1 µF, RL = 10 Ohms
G000
0
2
4
6
8
10
−40
−15
10
35
60
85
Temperature (°C)
VIN = 5.0V, CL = 0.1 µF, RL = 10 Ohms
G000
TPS22912
SLVSB78 – APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
RISE TIME
FALL TIME
vs
vs
TEMPERATURE
TEMPERATURE
Figure 13.
Figure 14.
TURN-ON TIME
TURN-OFF TIME
vs
vs
TEMPERATURE
TEMPERATURE
Figure 15.
Figure 16.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS22912


Numéro de pièce similaire - TPS22912

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVR TI1-TPS22910AYZVR Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVT TI1-TPS22910AYZVT Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913A TI1-TPS22913A Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Description similaire - TPS22912

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com