Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3700YYYZ Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPS3700YYYZ
Description  Window Comparator for Over- and Undervoltage Detection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3700YYYZ Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS3700YYYZ Datasheet HTML 6Page - Texas Instruments TPS3700YYYZ Datasheet HTML 7Page - Texas Instruments TPS3700YYYZ Datasheet HTML 8Page - Texas Instruments TPS3700YYYZ Datasheet HTML 9Page - Texas Instruments TPS3700YYYZ Datasheet HTML 10Page - Texas Instruments TPS3700YYYZ Datasheet HTML 11Page - Texas Instruments TPS3700YYYZ Datasheet HTML 12Page - Texas Instruments TPS3700YYYZ Datasheet HTML 13Page - Texas Instruments TPS3700YYYZ Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
R
1
(2.21 M )
W
GND
1.8 V to 18 V
OUTA
OUTB
R
2
(13.7 k )
W
R
3
(69.8 k )
W
V
MON
(13.2 V to 10.8 V)
INA+
INB-
VDD
Device
RP
1
(50 k )
W
Voltage
Regulator
IN
EN
V
OUT
OUT
V
MON
UV
OV
Overvoltage
Limit
Undervoltage
Limit
V
MON
OUTB
OUTA
TPS3700
SBVS187B – FEBRUARY 2012 – REVISED APRIL 2012
www.ti.com
WINDOW COMPARATOR
The inverting and noninverting configuration of the comparators forms a window-comparator detection circuit
using a resistor divider network, as shown in Figure 17 and Figure 18. The input pins can monitor any system
voltage above 400 mV with the use of a resistor divider network. INA+ and INB– monitor for undervoltage and
overvoltage conditions, respectively.
Figure 17. Window Comparator Block Diagram
Figure 18. Window Comparator Timing Diagram
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS3700


Numéro de pièce similaire - TPS3700YYYZ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700 TI-TPS3700 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
More results

Description similaire - TPS3700YYYZ

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3700 TI1-TPS3700_14 Datasheet
984Kb / 23P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI1-TPS3700-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   Window Comparator for Over- and Undervoltage Detection
TPS3700-Q1 TI-TPS3700-Q1_15 Datasheet
955Kb / 25P
[Old version datasheet]   TPS3700-Q1 Window Comparator for Over- and Undervoltage Detection
TPS3701 TI-TPS3701_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS3701 36-V Window Comparator with Internal Reference for Over- and Undervoltage Detection
TPS3700 TI-TPS3700_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   TPS3700 Window Comparator With Internal Reference for Overvoltage and Undervoltage Detection
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_09 Datasheet
172Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
   Window Comparator
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com