Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC5948APWP Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC5948APWP
Description  16-Channel, 16-Bit, ES-PWM, Full Self-Diagnosis LED Driver
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5948APWP Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TLC5948APWP Datasheet HTML 7Page - Texas Instruments TLC5948APWP Datasheet HTML 8Page - Texas Instruments TLC5948APWP Datasheet HTML 9Page - Texas Instruments TLC5948APWP Datasheet HTML 10Page - Texas Instruments TLC5948APWP Datasheet HTML 11Page - Texas Instruments TLC5948APWP Datasheet HTML 12Page - Texas Instruments TLC5948APWP Datasheet HTML 13Page - Texas Instruments TLC5948APWP Datasheet HTML 14Page - Texas Instruments TLC5948APWP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
NV
(1)
t
SU1
t
D0
255
256
257
t
H1
t
WH1
SCLK
SIN
249
250
251
252
253
254
LAT
BC and DC Data
In First Control Data Latch
(Internal)
SOUT
t
WH0
t
WL0
t
SU0
t
H0
DC0
7A
DC0
6A
DC0
8A
DC0
5A
DC0
4A
DC0
3A
DC0
0A
DC0
1A
High
High
1
2
3
4
255
257
256
t /t
R0 F0
DC0
2A
Old Data
New Data (DCn-nA)
High
NV
DC0
0B
DC0
1B
DC0
2B
DC0
0A
DC0
1A
DC0
2A
Data = 0
BLANK Bit
In First Control Data Latch
(Internal)
Data = 1
OFF
(V
)
OUTnH
(V
)
OUTnL
OUT0 7 8 15
, , ,
ON
t
D1
(DCn-nB)
NV
DC0
7A
NV
NV
NV
NV
DC0
6A
DC0
5A
DC0
4A
DC0
3A
DC0
2A
DC0
1A
DC0
0A
OUT is turned off when the BLANk bit is ‘1’.
n
ON
OFF
ON
OFF
ON
OFF
ON
OFF
OUT0 7 8 15
, , ,
OUT1 6 9 14
, , ,
OUT2 5 10 13
, ,
,
OUT3 4 11 12
, ,
,
t
D2
t
D3
t
D4
t
D5
TLC5948A
www.ti.com
SBVS192 – MARCH 2012
(1) NV = Not valid; these data are not used for any function.
Figure 11. Control Data Write Timing
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TLC5948A


Numéro de pièce similaire - TLC5948APWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59482DBQ TI1-TLC59482DBQ Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC59482DBQR TI1-TLC59482DBQR Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
More results

Description similaire - TLC5948APWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC5949 TI-TLC5949 Datasheet
1Mb / 51P
[Old version datasheet]   16-Channel, 12-Bit, ES-PWM, Full Self-Diagnosis LED Driver for 7-Bit Global BC LED Lamp
TLC59581 TI1-TLC59581 Datasheet
525Kb / 28P
[Old version datasheet]   48-Channel, 16-Bit ES-PWM LED Driver
TLC6946 TI1-TLC6946 Datasheet
328Kb / 27P
[Old version datasheet]   16-Channel 32-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
TLC6946 TI1-TLC6946_19 Datasheet
2Mb / 35P
[Old version datasheet]   16-Channel 32-, 48-Multiplexing 16-Bit ES-PWM Constant-Current LED Driver
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
   16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
logo
Texas Instruments
TLC5929 TI1-TLC5929_16 Datasheet
1Mb / 43P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode, and Full Self-Diagnosis for LED Lamp
TLC59291 TI1-TLC59291_15 Datasheet
800Kb / 45P
[Old version datasheet]   TLC59291 8/16-Channel, Constant Current LED Driver with 7-bit Brightness Control Low Quiescent Current and Full Self Diagnosis for LED Lamp
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
List of Unclassifed Man...
MBI5031 ETC2-MBI5031 Datasheet
527Kb / 20P
   16-Channel PWM-Embedded LED Driver
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com