Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1100DUBR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1100DUBR
Description  Fully-Differential Isolation Amplifier for Energy Metering
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC1100DUBR Fiches technique(HTML) 3 Page - Texas Instruments

  AMC1100DUBR Datasheet HTML 1Page - Texas Instruments AMC1100DUBR Datasheet HTML 2Page - Texas Instruments AMC1100DUBR Datasheet HTML 3Page - Texas Instruments AMC1100DUBR Datasheet HTML 4Page - Texas Instruments AMC1100DUBR Datasheet HTML 5Page - Texas Instruments AMC1100DUBR Datasheet HTML 6Page - Texas Instruments AMC1100DUBR Datasheet HTML 7Page - Texas Instruments AMC1100DUBR Datasheet HTML 8Page - Texas Instruments AMC1100DUBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
AMC1100
www.ti.com
SBAS562 – APRIL 2012
REGULATORY INFORMATION
VDE AND IEC
UL
Certified according to IEC 60747-5-2
Recognized under 1577 component recognition program
File number: 40016131
File number: E181974
IEC 60747-5-2 INSULATION CHARACTERISTICS
Over operating free-air temperature range, unless otherwise noted.
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIORM
Maximum working insulation voltage
1200
VPEAK
Qualification test: after input/output safety test subgroup
1140
VPEAK
2/3 VPR = VIORM × 1.2, t = 10 s, partial discharge < 5 pC
Qualification test: method A, after environmental tests
VPR
Input-to-output test voltage
subgroup 1, VPR = VIORM × 1.6, t = 10 s, partial discharge
1920
VPEAK
< 5 pC
100% production test: method B1, VPR = VIORM × 1.875,
2250
VPEAK
t = 1 s, partial discharge < 5 pC
VIOTM
Transient overvoltage
Qualification test: t = 60 s
4250
VPEAK
Qualification test: VTEST = VISO, t = 60 s
4250
VPEAK
VISO
Insulation voltage per UL
100% production test: VTEST = 1.2 x VISO, t = 1 s
5100
VPEAK
RS
Insulation resistance
VIO = 500 V at TS
> 109
Ω
PD
Pollution degree
2
°
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output (I/O) circuitry. I/O
circuitry failure can allow low resistance to either ground or supply and, without current limiting, dissipate sufficient power to
overheat the die and damage the isolation barrier, thus potentially leading to secondary system failures.
The safety-limiting constraint is the operating virtual junction temperature range specified in the Absolute Maximum Ratings
table. The power dissipation and junction-to-air thermal impedance of the device installed in the application hardware
determine the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that of
a device installed in the JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface-Mount Packages and
is conservative. The power is the recommended maximum input voltage times the current. The junction temperature is then
the ambient temperature plus the power times the junction-to-air thermal resistance.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
θJA = 246°C/W, VIN = 5.5 V, TJ = +150°C, TA = +25°C
10
mA
TC
Maximum-case temperature
+150
°C
IEC 61000-4-5 RATINGS
PARAMETER
TEST CONDITIONS
VALUE
UNIT
VIOSM
Surge immunity
1.2-
μs or 50-μs voltage surge and 8-μs or 20-μs current surge
±6000
V
IEC 60664-1 RATINGS
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I-IV
Rated mains voltage
≤ 300 VRMS
I-IV
Installation classification
Rated mains voltage
≤ 400 VRMS
I-III
Rated mains voltage < 600 VRMS
I-III
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): AMC1100


Numéro de pièce similaire - AMC1100DUBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1100DUBR TI-AMC1100DUBR Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
More results

Description similaire - AMC1100DUBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com