Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC1100DUB Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce AMC1100DUB
Description  Fully-Differential Isolation Amplifier for Energy Metering
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AMC1100DUB Fiches technique(HTML) 11 Page - Texas Instruments

Back Button AMC1100DUB Datasheet HTML 7Page - Texas Instruments AMC1100DUB Datasheet HTML 8Page - Texas Instruments AMC1100DUB Datasheet HTML 9Page - Texas Instruments AMC1100DUB Datasheet HTML 10Page - Texas Instruments AMC1100DUB Datasheet HTML 11Page - Texas Instruments AMC1100DUB Datasheet HTML 12Page - Texas Instruments AMC1100DUB Datasheet HTML 13Page - Texas Instruments AMC1100DUB Datasheet HTML 14Page - Texas Instruments AMC1100DUB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
S1
S1
C
= 3 pF
INP
C
= 3 pF
INN
VINN
VINP
VDD1
GND1
GND1
GND1
3 pF
R
= 28 kW
IN
3 pF
VINN
VINP
Equivalent
Circuit
R
=
IN
f
C
·
CLK
DIFF
1
(
= 10 MHz)
f
CLK
C
= 3.6 pF
IND
GND1
GND1
400 W
400 W
S2
S2
AGND + 0.8 V
AGND + 0.8 V
AMC1100
www.ti.com
SBAS562 – APRIL 2012
THEORY OF OPERATION
INTRODUCTION
The differential analog input of the AMC1100 is a switched-capacitor circuit based on a second-order modulator
stage that digitizes the input signal into a 1-bit output stream. The device compares the differential input signal
(VIN = VINP – VINN) against the internal reference of 2.5 V using internal capacitors that are continuously
charged and discharged with a typical frequency of 10 MHz. With the S1 switches closed, CIND charges to the
voltage difference across VINP and VINN. For the discharge phase, both S1 switches open first and then both
S2 switches close. CIND discharges to approximately AGND + 0.8 V during this phase. Figure 31 shows the
simplified equivalent input circuitry.
Figure 31. Equivalent Input Circuit
The analog input range is tailored to directly accommodate a voltage drop across a shunt resistor used for
current sensing. However, there are two restrictions on the analog input signals, VINP and VINN. If the input
voltage exceeds the range AGND – 0.5 V to AVDD + 0.5 V, the input current must be limited to 10 mA to prevent
the implemented input protection diodes from damage. In addition, the device linearity and noise performance
are ensured only when the differential analog input voltage remains within ±250 mV.
The isolated digital bit stream is processed by a third-order analog filter on the low-side and presented as a
differential output of the device.
The SiO2-based capacitive isolation barrier supports a high level of magnetic field immunity, as described in
application report SLLA181, ISO72x Digital Isolator Magnetic-Field Immunity (available for download at
www.ti.com).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): AMC1100


Numéro de pièce similaire - AMC1100DUB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1100DUB TI-AMC1100DUB Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUBR TI-AMC1100DUBR Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
More results

Description similaire - AMC1100DUB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
[Old version datasheet]   Fully Differential Isolation Amplifier
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
[Old version datasheet]   AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
[Old version datasheet]   AMC1200/B Fully-Differential Isolation Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com