Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC847BQ-7-F Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce BC847BQ-7-F
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BQ-7-F Fiches technique(HTML) 4 Page - Diodes Incorporated

  BC847BQ-7-F Datasheet HTML 1Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 2Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 3Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 4Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 5Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BC846A – BC848C
Document Number: DS11108 Rev. 23 - 2
4 of 6
www.diodes.com
August 2011
© Diodes Incorporated
BC846A-BC848C
Typical Electrical Characteristics


Numéro de pièce similaire - BC847BQ-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Yangzhou yangjie electr...
BC847BQ YANGJIE-BC847BQ Datasheet
253Kb / 5P
   NPN General Purpose Amplifier
logo
Nexperia B.V. All right...
BC847BQA NEXPERIA-BC847BQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847BQA NEXPERIA-BC847BQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 August 2015
BC847BQA NEXPERIA-BC847BQA Datasheet
1Mb / 15P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015
BC847BQB NEXPERIA-BC847BQB Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
More results

Description similaire - BC847BQ-7-F

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com