Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SL3C4CLGH Fiches technique(PDF) 6 Page - Dialight Corporation

No de pièce SL3C4CLGH
Description  StreetSenseTM Series LED Street Light
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIALIGHT [Dialight Corporation]
Site Internet  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SL3C4CLGH Fiches technique(HTML) 6 Page - Dialight Corporation

  SL3C4CLGH Datasheet HTML 1Page - Dialight Corporation SL3C4CLGH Datasheet HTML 2Page - Dialight Corporation SL3C4CLGH Datasheet HTML 3Page - Dialight Corporation SL3C4CLGH Datasheet HTML 4Page - Dialight Corporation SL3C4CLGH Datasheet HTML 5Page - Dialight Corporation SL3C4CLGH Datasheet HTML 6Page - Dialight Corporation SL3C4CLGH Datasheet HTML 7Page - Dialight Corporation SL3C4CLGH Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.dialight.com
StreetSense™ Series LED Street Light
Ordering Information
Part Number
Initial Fixture
Lumens1
Total System Power
Consumption
Lumen Per Watt
Color
BUG Rating
EPA
(SQ. ft)
Number of Light
Engines
SL3C4BLGH
3,800
42
90
Cool White
B1U1G1
0.60
1
SL3C4CLGH
5,700
63
90
Cool White
B1U2G1
0.60
1
SL3C4DLGH
6,900
82
84
Cool White
B2U3G2
0.60
1
SL3C4HLGH
11,500
126
91
Cool White
B2U3G2
0.87
2
SL3C4ILGH
13,750
164
84
Cool White
B3U3G3
0.87
2
SL3C4RLGH
17,000
189
90
Cool White
B3U3G3
1.13
3
SL3C4SLGH
20,750
246
84
Cool White
B3U3G3
1.13
3
SL3N4BLGH
3,800
42
90
Neutral White
B1U1G1
0.60
1
SL3N4CLGH
5,700
63
90
Neutral White
B1U2G1
0.60
1
SL3N4DLGH
6,900
82
84
Neutral White
B2U3G2
0.60
1
SL3N4HLGH
11,500
126
91
Neutral White
B2U3G2
0.87
2
SL3N4ILGH
13,750
164
84
Neutral White
B3U3G3
0.87
2
SL3N4RLGH
17,000
189
90
Neutral White
B3U3G3
1.13
3
SL3N4SLGH
20,750
246
84
Neutral White
B3U3G3
1.13
3
SL3W4BLGH
3,100
42
74
Warm White
B1U1G1
0.60
1
SL3W4CLGH
4,700
63
75
Warm White
B1U2G1
0.60
1
SL3W4DLGH
5,700
82
70
Warm White
B2U2G2
0.60
1
SL3W4HLGH
9,250
126
73
Warm White
B2U3G2
0.87
2
SL3W4ILGH
11,500
164
70
Warm White
B3U3G3
0.87
2
SL3W4RLGH
14,000
189
74
Warm White
B3U3G3
1.13
3
SL3W4SLGH
17,000
246
69
Warm White
B3U3G3
1.13
3
SL -3
C
4
C
L
G
G
2 -II
3 -III
4 -IV
5 -V
C -5,000K
N -4,300K
W -3,300K
4 -120-277V AC
6kV surge pro-
tection
5 -120-277V AC
10kV surge
protection
7 -347-480V AC
10kV surge
protection
B - 42W
C - 63W
D - 82W
H - 126W
I - 164W
R - 189W
S - 246W
N - No photo
controller
receptacle
R - Photo controller
receptacle only
L -
Shorting cap
I
-LUMITROL™
Streetlight control
module
G - Gray
B - Bronze
R - Green
K - Black
W - White
G -Glass
H -Polycarbonate
IES Type
CCT1
Voltage
Wattage
Controller
Housing Color
Lens
6
Blank -UL
EU -CE
Certification
1Polycarbonate lens option will decrease lumen values by 8%


Numéro de pièce similaire - SL3C4CLGH

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
More results

Description similaire - SL3C4CLGH

FabricantNo de pièceFiches techniqueDescription
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
   70W LED Street Light
logo
List of Unclassifed Man...
VTP9812FH ETC2-VTP9812FH Datasheet
640Kb / 4P
   Street light switching
logo
Ledil, Inc.
C16702 LEDIL-C16702 Datasheet
3Mb / 3P
   Narrow caternary street light beam
logo
TE Connectivity Ltd
2-1773982-5 TEC-2-1773982-5 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
HB Electronic Component...
E12PW3C-O HB-E12PW3C-O Datasheet
55Kb / 2P
   Special LED to street lamp
E12PW6C-O HB-E12PW6C-O Datasheet
54Kb / 2P
   Special LED to street lamp
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Ledil, Inc.
C14750 LEDIL-C14750 Datasheet
5Mb / 20P
   Catenary street light beam optimized for EN13201 M-classes
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com