Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51984 Fiches technique(PDF) 4 Page - Cyrustek corporation

No de pièce ES51984
Description  3 3/4 CAP AUTO DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51984 Fiches technique(HTML) 4 Page - Cyrustek corporation

  ES51984_11 Datasheet HTML 1Page - Cyrustek corporation ES51984_11 Datasheet HTML 2Page - Cyrustek corporation ES51984_11 Datasheet HTML 3Page - Cyrustek corporation ES51984_11 Datasheet HTML 4Page - Cyrustek corporation ES51984_11 Datasheet HTML 5Page - Cyrustek corporation ES51984_11 Datasheet HTML 6Page - Cyrustek corporation ES51984_11 Datasheet HTML 7Page - Cyrustek corporation ES51984_11 Datasheet HTML 8Page - Cyrustek corporation ES51984_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
11/01/05
4
ES51984
3 3/4 CAP AUTO DMM
…continued from previous page
51
NC
52
NC
53~64 SEG12~SEG01
O
LCD segment line 12~01
65
BP4
O
LCD backplane 4
66
BP3
O
LCD backplane 3
67
BP2
O
LCD backplane 2
68
BP1
O
LCD backplane 1
69
ANNUNC
O
Square wave output at the backplane frequency, synchronized to
BP1. ANNUNC can be used to control display annunciator. Con-
nect an LCD segment to ANNUNC to turn it on; connect an LCD
segment to its backplane to turn it off.
70
NC
71
BUZIN
I
Enables the buzzer. Low active.
72
BUZOUT
O
Outputs an 2KHz audio frequency signal for driving piezoelectric
buzzer when BUZIN is low.
73
NC
74
OSC2
O
Crystal oscillator output connection
75
OSC1
I
Crystal oscillator input connection
76
NC
77
XTAL
I
The chip uses internal RC oscillator if pin is connected to V-, and
uses external crystal oscillator if this pin is floating or connected to
DGND
78
NC
79
BKOUT
O
If BKLIT function is enabled, this pin will change from –3V to +3V
for 60 sec, once press BKLIT pin again within 60 sec, this pin will
change back to –3V.
80
NC
81
HOLD
I
Pulse low to enable HOLD mode.
82
RANGE
I
Pulse low to enable manual mode and manual range selection.
83
SLACDC
I
Select AC/DC initial state. This pin is pull low
84
KEY
I
Pulse low to change mode. In ADP mode, if this pin is connected to
V-, the buzzer output will be off when the ADP input overflows.
85
FC5
I
Switch 5 for function selection.
86
FC4
I
Switch 4 for function selection.
87
FC3
I
Switch 3 for function selection.
88
FC2
I
Switch 2 for function selection.
89
FC1
I
Switch 1 for function selection.
90
NC
91
C+
O
Positive capacitor connection for on-chip DC-DC converter.
92
C-
O
Negative capacitor connection for on-chip DC-DC converter.
93
NC
94
SDO
O
RS232 compliant serial data output.
95
LBAT9
I
Low battery configuration. If 3V battery is used, connect it to AGND.
The default low-battery threshold voltage is –2.3V. If 9V battery is
used, the low battery annunciator is displayed when the voltage of
this pin is less than VRH (-1.2V)
96
V-
P
Negative supply voltage. Connecting to battery negative terminal.
97
V-
P
Negative supply voltage. Connecting to battery negative terminal.
98
DGND
G
Digital ground, connected to battery positive terminal.
99
AGND
G
Analog ground.
100
AGND
G
Analog ground.


Numéro de pièce similaire - ES51984_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
More results

Description similaire - ES51984_11

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com