Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51983 Fiches technique(PDF) 7 Page - Cyrustek corporation

No de pièce ES51983
Description  3 3/4 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51983 Fiches technique(HTML) 7 Page - Cyrustek corporation

Back Button ES51983 Datasheet HTML 3Page - Cyrustek corporation ES51983 Datasheet HTML 4Page - Cyrustek corporation ES51983 Datasheet HTML 5Page - Cyrustek corporation ES51983 Datasheet HTML 6Page - Cyrustek corporation ES51983 Datasheet HTML 7Page - Cyrustek corporation ES51983 Datasheet HTML 8Page - Cyrustek corporation ES51983 Datasheet HTML 9Page - Cyrustek corporation ES51983 Datasheet HTML 10Page - Cyrustek corporation ES51983 Datasheet HTML 11Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
11/01/05
7
ES51983
3 3/4 AUTO DMM
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
1.111M
101K
10K
1K
100
ACV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
2.2u
+
+Vs
+Vs
-Vs
500K
10K
150
-Vs
2.2u
+
1k
AGND
4.7u
22k
1.2 Resistance Measurement
A reconfigurable divider automatically provides a suitable full scale range in resistance
measurement mode. The following table summarizes the full scale ranges and the
reference resistors in each configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
OR1
400.0Ω
R6
100Ω
OR2
4.000KΩ
R5
1KΩ
OR3
40.00KΩ
R4
10KΩ
OR4
400.0KΩ
R1R3
100KΩ
OR5
4.000MΩ
R1R2
1MΩ
OR6
40.00MΩ
R1
10MΩ
1.3 Current measurement
Current measurement has three modes. The following table summarizes the full scale
range of each mode.
Mode
Range Selection
Full Scale
Automatic Mode 1
µA
400.0µA / 4000µA
Automatic Mode 2
mA
40.00mA / 400.0mA
Automatic Mode 3
A
40.00A / 4.000A
Manual Mode
A
40.00A
1.4 Continuity Check


Numéro de pièce similaire - ES51983

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
More results

Description similaire - ES51983

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com