Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES51931 Fiches technique(PDF) 10 Page - Cyrustek corporation

No de pièce ES51931
Description  22,000 Counts Auto DMM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYRUSTEK [Cyrustek corporation]
Site Internet  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51931 Fiches technique(HTML) 10 Page - Cyrustek corporation

Back Button ES51931 Datasheet HTML 6Page - Cyrustek corporation ES51931 Datasheet HTML 7Page - Cyrustek corporation ES51931 Datasheet HTML 8Page - Cyrustek corporation ES51931 Datasheet HTML 9Page - Cyrustek corporation ES51931 Datasheet HTML 10Page - Cyrustek corporation ES51931 Datasheet HTML 11Page - Cyrustek corporation ES51931 Datasheet HTML 12Page - Cyrustek corporation ES51931 Datasheet HTML 13Page - Cyrustek corporation ES51931 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Ver. 1.2
10/05/27
10
ES51931
22,000 Counts Auto DMM
1.5 Capacitance Measurement
The following table summarizes the eight ranges of capacitance measurement mode.
Configuration
Full Scale Range
Resistance Ratio
C1
22.000nF
-
C2
220.00nF
VR4
C3
2.2000uF
10kΩ
C4
22.000uF
R9k/R1k
C5
220.00uF
R9k/R1k
C6
2.2000mF
R9k/R1k
C73
22.000mF
R9k/R1k
C83
220.00mF
R9k/R1k
Note:
1. In order to obtain an accurate reading, a capacitor must be discharged before measurement begins. The
chip has a built-in discharge mode to automatically discharge the capacitor. In discharge mode, the
LCD displays dIS.C
2. Discharging through the chip is quite slow. We recommend the user to discharge the capacitor with
some other apparatus.
3. In C7~C8 ranges, the bargraph is used to show the measured time in counting down.
4. The C2 range is calibrated by VR near the OVX pin.
5. In ranges of C1~C8, the SHIFT feature is also available to move the digits and decimal points
rightward to prevent the least digit from jumping.
1.6 Continuity Check
Continuity check shares the same configuration with 220.00Ω manual resistance
measurement mode, but with buzzer output to indicate continuity. The buzzer generates a
2KHz sound whenever the digit number is less than 30Ω.
1.7 Diode Measurement
Diode measurement mode shares the same configuration with 2.2000V manual voltage
measurement mode.. The buzzer generates a 2KHz sound whenever the digit number is
less than 30mV. When the LCD display counts are larger than 1.9000V, the OL will be
shown.


Numéro de pièce similaire - ES51931

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51930 CYRUSTEK-ES51930 Datasheet
310Kb / 5P
   10kHz LCR analog front
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
More results

Description similaire - ES51931

FabricantNo de pièceFiches techniqueDescription
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com